Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS-42673 Datasheet(PDF) 9 Page - AMI SEMICONDUCTOR

Part # AMIS-42673
Description  High Speed CAN Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42673 Datasheet(HTML) 9 Page - AMI SEMICONDUCTOR

Back Button AMIS-42673 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 11Page - AMI SEMICONDUCTOR AMIS-42673 Datasheet HTML 12Page - AMI SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AMIS-42673 High Speed CAN Transceiver
Data Sheet
For Long Networks
Figure 8: Basic Test Set-up for Electromagnetic Measurement
10 nF
AMIS-
42673
GND
2
CANH
CANL
VREF
5
6
7
PC20071003.6
RxD
4
TxD
1
30
Active Probe
20 pF
Generator
30
6.2 k
47 nF
6.2 k
Spectrum Anayzer
VCC
100 nF
+5 V
+3.3 V
V33
3
8
Figure 9: Common-mode Voltage Peaks (see measurement set-up Figure 8)
CANH
CANL
recessive
V
i(com) =
V
CANH + VCANL
V
CM-peak
PC20040829.7
V
CM-peak
V
CM-step
9
AMI Semiconductor – October 07, Rev. 1.0
www.amis.com
Specifications subject to change without notice


Similar Part No. - AMIS-42673

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
   High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
More results

Similar Description - AMIS-42673

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com