Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC74UL86AA_002 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC74UL86AA_002
Description  CMOS Logic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74UL86AA_002 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC74UL86AA_002 Datasheet HTML 1Page - Torex Semiconductor XC74UL86AA_002 Datasheet HTML 2Page - Torex Semiconductor XC74UL86AA_002 Datasheet HTML 3Page - Torex Semiconductor XC74UL86AA_002 Datasheet HTML 4Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/4
XC74UL86AA
CMOS Logic
INPUT
OUTPUT
A
B
Y
L
L
L
L
H
H
H
L
H
H
H
L
PARAMETER
SYMBOL
RATINGS
UNITS
Supply Voltage
VCC
-0.5~+6.0
V
Input Voltage
VIN
-0.5~+6.0
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Diode Current
IIK
-20
mA
Output Diode Current
IOK
±
20
mA
Output Current
IOUT
±
25
mA
VCC,GND Current
ICC,IGND
±
50
mA
SSOT-25
1
150
Power Dissipation
SON-6
2
Pd
200
mW
Storage Temperature Range
Tstg
-65~+150
GENERAL DESCRIPTION
The XC74UL86AA is a 2-input CMOS exclusive-OR Gate, manufactured using silicon gate CMOS fabrication.
CMOS low power circuit operation makes high speed LS-TTL operation achievable.
With a wave forming buffer connected internally, stabilized output can be achieved as the circuit offers high noise immunity.
As the XC74UL86AA is integrated into mini molded, SSOT-25 and SON-6 package, high density mounting is possible.
PIN CONFIGURATION
FEATURES
High Speed Operation
: tpd = 3.1ns (TYP.)
Operating Voltage Range : 2V ~ 5.5V
Low Power Consumption: 1μA (MAX.)
CMOS 2-Input Exclusive-OR Gate
Ultra Small Packages
: SSOT-25, SON-6*
* Under Development
FUNCTIONS
APPLICATIONS
Palmtops
Digital equipment
ABSOLUTE MAXIMUM RATINGS
H=High level
L=Low level
Ta=-40℃~85℃
ETR1309_002
SSOT-25
TOP VIEW)
XC74UL86AAN
B
GND
Vcc
A
Y
SON-6
TOP VIEW)
XC74UL86AAR
Voltage is all ground standardized.
1)Ta=55℃
2)Ta=25℃


Similar Part No. - XC74UL86AA_002

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL86AA-12 TOREX-XC74UL86AA-12 Datasheet
165Kb / 4P
   CMOS Logic
XC74UL86AA TOREX-XC74UL86AA_12 Datasheet
165Kb / 4P
   CMOS Logic
XC74UL86AA TOREX-XC74UL86AA_15 Datasheet
165Kb / 4P
   CMOS Logic
More results

Similar Description - XC74UL86AA_002

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA Datasheet
113Kb / 3P
   CMOS LOGIC
XC74UL32AA TOREX-XC74UL32AA Datasheet
109Kb / 3P
   CMOS Logic
XC74WL125ASR TOREX-XC74WL125ASR_15 Datasheet
203Kb / 6P
   CMOS Logic
XC74UL00AA TOREX-XC74UL00AA_15 Datasheet
155Kb / 4P
   CMOS Logic
XC74UL4066_002 TOREX-XC74UL4066_002 Datasheet
351Kb / 11P
   CMOS Logic
XC74WL14AASR_001 TOREX-XC74WL14AASR_001 Datasheet
146Kb / 4P
   CMOS Logic
XC74WL32AASR_001 TOREX-XC74WL32AASR_001 Datasheet
145Kb / 4P
   CMOS Logic
XC74WL86AASR_001 TOREX-XC74WL86AASR_001 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL126ASR_001 TOREX-XC74WL126ASR_001 Datasheet
198Kb / 6P
   CMOS Logic
XC74WL240ASR_001 TOREX-XC74WL240ASR_001 Datasheet
199Kb / 6P
   CMOS Logic
XC74WL4066SR_001 TOREX-XC74WL4066SR_001 Datasheet
234Kb / 11P
   CMOS Logic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com