Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6214 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6214
Description  500mA Output Current, High Speed LDO Regulators, Thermal Shutdown Function, Ceramic Capacitor Compatible
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6214 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6214_2 Datasheet HTML 8Page - Torex Semiconductor XC6214_2 Datasheet HTML 9Page - Torex Semiconductor XC6214_2 Datasheet HTML 10Page - Torex Semiconductor XC6214_2 Datasheet HTML 11Page - Torex Semiconductor XC6214_2 Datasheet HTML 12Page - Torex Semiconductor XC6214_2 Datasheet HTML 13Page - Torex Semiconductor XC6214_2 Datasheet HTML 14Page - Torex Semiconductor XC6214_2 Datasheet HTML 15Page - Torex Semiconductor XC6214_2 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12/26
XC6214 Series
XC6214P122
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
Input Voltage : VIN (V)
Ta=25oC
CIN=CL=1.0μF(ceramic)
Iout=1mA
50mA
200mA
XC6214P122
0.8
0.9
1.0
1.1
1.2
1.3
1.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage : VIN (V)
Ta=25oC
CIN=CL=1.0μF(ceramic)
Iout=1mA
50mA
200mA
XC6214P252
2.2
2.3
2.4
2.5
2.6
0
100
200
300
400
500
Output Current : IOUT (mA)
              VIN=3.5V
CIN=CL=1.0μF(ceramic)
Ta=85oC
25oC
-40oC
XC6214P252
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Output Current : IOUT (A)
              VIN=3.5V
CIN=CL=1.0μF(ceramic)
Ta=85oC
25oC
-40oC
XC6214P332
3.0
3.1
3.2
3.3
3.4
0
100
200
300
400
500
Output Current : IOUT (mA)
              VIN=4.3V
CIN=CL=1.0μF(ceramic)
Ta=85oC
25oC
-40oC
XC6214P332
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Output Current : IOUT (A)
Ta=85oC
25oC
-40oC
              VIN=4.3V
CIN=CL=1.0μF(ceramic)
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1) Output Voltage vs. Output Current (Continued)
(2) Output Voltage vs. Input Voltage
VIN=3.5V
CIN=CL=1.0μF (ceramic)
XC6214P252
VIN=3.5V
CIN=CL=1.0μF (ceramic)
XC6214P252
VIN=4.3V
CIN=CL=1.0μF (ceramic)
XC6214P332
VIN=4.3V
CIN=CL=1.0μF (ceramic)
XC6214P332
Ta=25℃
CIN=CL=1.0μF (ceramic)
XC6214P122
Ta=25℃
CIN=CL=1.0μF (ceramic)
XC6214P122


Similar Part No. - XC6214_2

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6214P252ML TOREX-XC6214P252ML Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P252MR TOREX-XC6214P252MR Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P252PL TOREX-XC6214P252PL Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC6214P252PR TOREX-XC6214P252PR Datasheet
451Kb / 22P
   CMOS Low Power Consumption
More results

Similar Description - XC6214_2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Torex Semiconductor
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
logo
Rohm
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com