Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M74HC190RM13TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC190RM13TR
Description  4 BIT SYNCHRONOUS UP/DOWN COUNTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC190RM13TR Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC190RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC190RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
August 2001
s
HIGH SPEED :
fMAX = 44 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 190
DESCRIPTION
The M74HC190 is an high speed CMOS 4-BIT
SYNCHRONOUS
UP/DOWN
COUNTER
fabricated with silicon gate C2MOS technology.
State changes of the counter are synchronous
with the LOW-to-HIGH transition of the Clock
Pulse Input.
An asynchronous parallel load input overrides
counting and loads the data present on the DATA
inputs into the flip-flops, which makes it possible to
use the circuits as programmable counters. A
count enable input serves as the carry/borrow
input in multi-stage counters. Control input, Down/
Up, determines whether a circuit counts up or
down. A MAX/MIN output and a Ripple Clock
output provide overflow/underflow indication and
make possible a variety of methods for generating
carry/borrow
signals
in
multi-stage
counter
applications.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC190
4 BIT SYNCHRONOUS UP/DOWN COUNTERS
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC190B1R
SOP
M74HC190M1R
M74HC190RM13TR
TSSOP
M74HC190TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC190RM13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190B1R STMICROELECTRONICS-M74HC190B1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190C1R STMICROELECTRONICS-M74HC190C1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190F1R STMICROELECTRONICS-M74HC190F1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC190M1R STMICROELECTRONICS-M74HC190M1R Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
More results

Similar Description - M74HC190RM13TR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
logo
Texas Instruments
SN54ALS169B TI-SN54ALS169B_07 Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI1-SN54ALS191A_15 Datasheet
625Kb / 18P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS169B TI-SN54ALS169B Datasheet
148Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
SN54ALS191A TI-SN54ALS191A Datasheet
133Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com