Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HCT244D Datasheet(PDF) 8 Page - STMicroelectronics

Part # M54HCT244D
Description  RAD HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT244D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M54HCT244D Datasheet HTML 2Page - STMicroelectronics M54HCT244D Datasheet HTML 3Page - STMicroelectronics M54HCT244D Datasheet HTML 4Page - STMicroelectronics M54HCT244D Datasheet HTML 5Page - STMicroelectronics M54HCT244D Datasheet HTML 6Page - STMicroelectronics M54HCT244D Datasheet HTML 7Page - STMicroelectronics M54HCT244D Datasheet HTML 8Page - STMicroelectronics M54HCT244D Datasheet HTML 9Page - STMicroelectronics M54HCT244D Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M54HCT244
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
9.98
10.16
10.34
0.393
0.400
0.407
B
9.98
10.16
10.34
0.393
0.400
0.407
C
1.45
1.61
1.78
0.57
0.63
0.070
D
0.10
0.127
0.18
0.004
0.005
0.007
E
11.30
11.43
11.56
0.445
0.450
0.455
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
7.24
8.16
0.285
0.320
L
24.46
26.67
0.960
1.050
M
0.45
0.50
0.55
0.018
0.020
0.022
N
7.87
0.310
O
1.14
1.27
1.40
0.045
0.050
0.055
P
0.10
0.18
0.25
0.004
0.007
0.010
FPC-20 MECHANICAL DATA
016032F


Similar Part No. - M54HCT244D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT244D STMICROELECTRONICS-M54HCT244D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HCT244D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC541 STMICROELECTRONICS-M54HC541_04 Datasheet
254Kb / 11P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HC241D STMICROELECTRONICS-M54HC241D Datasheet
164Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HC244 STMICROELECTRONICS-M54HC244 Datasheet
154Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
April 2004
M54HC540 STMICROELECTRONICS-M54HC540_04 Datasheet
266Kb / 11P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M54HC240 STMICROELECTRONICS-M54HC240_04 Datasheet
158Kb / 10P
   RAD-HARD OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
M54HC245 STMICROELECTRONICS-M54HC245_04 Datasheet
164Kb / 10P
   RAD-HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
M54HCT245 STMICROELECTRONICS-M54HCT245_04 Datasheet
234Kb / 10P
   RAD HARD OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com