Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7495SA Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7495SA
Description  11 W 11 W amplifier with DC volume control
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495SA Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7495SA Datasheet HTML 4Page - STMicroelectronics TDA7495SA Datasheet HTML 5Page - STMicroelectronics TDA7495SA Datasheet HTML 6Page - STMicroelectronics TDA7495SA Datasheet HTML 7Page - STMicroelectronics TDA7495SA Datasheet HTML 8Page - STMicroelectronics TDA7495SA Datasheet HTML 9Page - STMicroelectronics TDA7495SA Datasheet HTML 10Page - STMicroelectronics TDA7495SA Datasheet HTML 11Page - STMicroelectronics TDA7495SA Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Applications
TDA7495SA
8/15
3.4
Typical electrical characteristics
Unless otherwise stated, the test conditions for the electrical characteristics given in the
figures below are: VS = 20 V, RL = 8 Ω, f = 1 kHz, generator resistance Rg = 50 Ω,
Tamb = 25° C. Refer also to the application circuit of Figure 2 on page 5.
Figure 7.
Output power vs supply voltage
Figure 8.
Distortion vs output power
11
15
19
23
27
31
VS(V)
0
2
4
6
8
10
12
14
POUT
(W)
16
d=10%
d=1%
RL=8
D97AU559
02
4
6
POUT(W)
0.01
0.1
1
d
(%)
D97AU562
f=15KHz
VS=20V
RL=4Ω
f=1KHz
Figure 9.
Distortion vs output power
Figure 10.
Stand-by attenuation vs Vpin#9
02
4
6
8
POUT(W)
0.01
0.1
1
d
(%)
D97AU560
f=15KHz
VS=28V
RL=8Ω
f=1KHz
0
1
2
3
4 Vpin#9(V)
-120
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU565
0dB=1W
Figure 11.
Output power vs supply voltage
Figure 12.
Mute attenuation vs Vpin#10
D97AU561
10
12
14
16
18
20
22
24 VS(V)
0
2
4
6
8
10
12
14
POUT
(W)
RL=4Ω
d=10%
d=1%
01234 Vpin#10(V)
-100
-80
-60
-40
-20
0
ATT
(dB)
D97AU566
0dB=1W


Similar Part No. - TDA7495SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7495SA

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GMA7496L GAMMA-GMA7496L Datasheet
190Kb / 11P
   2W2W AMPLIFIER W/ DC VOLUME CONTROL
logo
NXP Semiconductors
TDA1013B PHILIPS-TDA1013B Datasheet
111Kb / 11P
   4 W audio power amplifier with DC volume control
July 1994
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com