Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7495S Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7495S
Description  11W 11W AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495S Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7495S Datasheet HTML 1Page - STMicroelectronics TDA7495S Datasheet HTML 2Page - STMicroelectronics TDA7495S Datasheet HTML 3Page - STMicroelectronics TDA7495S Datasheet HTML 4Page - STMicroelectronics TDA7495S Datasheet HTML 5Page - STMicroelectronics TDA7495S Datasheet HTML 6Page - STMicroelectronics TDA7495S Datasheet HTML 7Page - STMicroelectronics TDA7495S Datasheet HTML 8Page - STMicroelectronics TDA7495S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TDA7495S
2/10
ABSOLUTE MAXIMUM RATINGS
(1) Operation between -20 to 85 °C guaranteed by correlation with 0 to 70°C.
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
40
V
VIN
Maximum Input Voltage
8
Vpp
Ptot
Total Power Dissipation (Tamb = 70°C)
20
W
Tamb
Ambient Operating Temperature (1)
-20 to 85
°C
Tstg,TJ
Storage and Junction Temperature
-40 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance junction-case
Typ. = 2; Max. = 2.8
°C/W
Rth j-amb
Thermal Resistance junction-ambient
max 35
°C/W
ELECTRICAL CHARACTERISTCS (Refer to the test circuit Vs = 20V; RL = 8
Ω, Rg = 50Ω, Tamb = 25°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs
Supply Voltage Range
11
35
V
Iq
Total Quiescent Current
70
100
mA
DCVos
Output DC Offset Referred to SVR
Potential
No Input Signal
-750
750
mV
VO
Quiescent Output Voltage
8.5
10
11.5
V
PO
Output Power
THD = 10%; RL = 8Ω;VS = 28V
THD = 1%; RL = 8Ω; VS = 28V
9.5
7.5
11
8.8
W
W
THD = 10%; RL = 4Ω; VS = 20V
THD = 1%; RL = 4Ω; VS = 20V
7
5
8.7
6.8
W
W
THD = 10%; RL = 8Ω;VS = 18V
THD = 1%; RL = 8Ω; VS = 18V
3.5
2.2
4
3.2
W
W
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
N.C.
N.C.
N.C.
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D99AU1016


Similar Part No. - TDA7495S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
   11W11W AMPLIFIER
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7495SA STMICROELECTRONICS-TDA7495SA Datasheet
331Kb / 15P
   11 W 11 W amplifier with DC volume control
TDA7495SA STMICROELECTRONICS-TDA7495SA_07 Datasheet
331Kb / 15P
   11 W 11 W amplifier with DC volume control
More results

Similar Description - TDA7495S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495S STMICROELECTRONICS-TDA7495S Datasheet
179Kb / 11P
   11W11W AMPLIFIER
TDA7495 STMICROELECTRONICS-TDA7495 Datasheet
226Kb / 12P
   11W11W AMPLIFIER WITH DC VOLUME CONTROL
logo
National Semiconductor ...
LM4752 NSC-LM4752 Datasheet
690Kb / 18P
   Stereo 11W Audio Power Amplifier
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
logo
XFMRS Inc.
XF1556-EP13S XFMRS-XF1556-EP13S Datasheet
55Kb / 1P
   11W POE TRANSFORMER
logo
Texas Instruments
LM4752 TI1-LM4752 Datasheet
1Mb / 28P
[Old version datasheet]   LM4752 Stereo 11W Audio Power Amplifier
LM4755 TI1-LM4755 Datasheet
1Mb / 29P
[Old version datasheet]   LM4755 Stereo 11W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
   Stereo 11W Audio Power Amplifier with Mute
logo
Power Integrations, Inc...
TNY267P POWERINT-TNY267P Datasheet
171Kb / 16P
   11W DVD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com