Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA7384A Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7384A
Description  4 x 42W quad bridge car radio amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7384A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7384A_07 Datasheet HTML 6Page - STMicroelectronics TDA7384A_07 Datasheet HTML 7Page - STMicroelectronics TDA7384A_07 Datasheet HTML 8Page - STMicroelectronics TDA7384A_07 Datasheet HTML 9Page - STMicroelectronics TDA7384A_07 Datasheet HTML 10Page - STMicroelectronics TDA7384A_07 Datasheet HTML 11Page - STMicroelectronics TDA7384A_07 Datasheet HTML 12Page - STMicroelectronics TDA7384A_07 Datasheet HTML 13Page - STMicroelectronics TDA7384A_07 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TDA7384A
Application hints
11/14
3
Application hints
Referred to the circuit of Figure 3.
3.1
SVR
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF
time sequence and, consequently, plays an essential role in the pop optimization during
ON/OFF transients.
To conveniently serve both needs, ITS MINIMUM RECOMMENDED VALUE IS 10µF.
3.2
Input stage
The TDA7384A’s inputs are ground-compatible and can stand very high input signals (±
8Vpk) without any performances degradation.
If the standard value for the input capacitors (0.1µF) is adopted, the low frequency cut-off
will amount to 16 Hz.
3.3
Stand-by and Muting
Stand-by and Muting facilities are both 3.3V CMOS-COMPATIBLE. If unused, a straight
connection to Vs of their respective pins would be admissible.
Conventional/low-power transistors can be employed to drive muting and stand-by pins in
absence of true CMOS ports or microprocessors. R-C cells have always to be used in order
to smooth down the transitions for preventing any audible transient noises.
Since a DC current of about 10µA normally flows out of pin 22, the maximum allowable
muting-series resistance (R2) is 70KΩ, which is sufficiently high to permit a muting capacitor
reasonably small (about 1µF).
If R2 is higher than recommended, the involved risk will be that the voltage at pin 23 may rise
to above the 1.5V threshold voltage and the device will consequently fail to turn OFF when
the mute line is brought down.
About the stand-by, the time constant to be assigned in order to obtain a virtually pop-free
transition has to be slower than 2.5V/ms.


Similar Part No. - TDA7384A_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7384A STMICROELECTRONICS-TDA7384A Datasheet
304Kb / 9P
   4 x 35W QUAD BRIDGE CAR RADIO AMPLIFIER
More results

Similar Description - TDA7384A_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
   4 x 42W quad bridge car radio amplifier
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
   4 x 25W quad bridge car radio amplifier
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7385 STMICROELECTRONICS-TDA7385 Datasheet
322Kb / 12P
   4 x 30W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7386 STMICROELECTRONICS-TDA7386 Datasheet
310Kb / 9P
   4 x 40W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
Unisonic Technologies
TDA7388 UTC-TDA7388 Datasheet
188Kb / 5P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7389 STMICROELECTRONICS-TDA7389 Datasheet
217Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7386 STMICROELECTRONICS-TDA7386_07 Datasheet
346Kb / 14P
   4 x 45W quad bridge car radio amplifier
TDA7388 STMICROELECTRONICS-TDA7388 Datasheet
210Kb / 10P
   4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
TDA7389A STMICROELECTRONICS-TDA7389A Datasheet
220Kb / 14P
   4 x 45W quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com