Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1250H6I Datasheet(PDF) 9 Page - STMicroelectronics

Part # T1250H6I
Description  High temperature 12 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1250H6I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button T1250H6I Datasheet HTML 2Page - STMicroelectronics T1250H6I Datasheet HTML 3Page - STMicroelectronics T1250H6I Datasheet HTML 4Page - STMicroelectronics T1250H6I Datasheet HTML 5Page - STMicroelectronics T1250H6I Datasheet HTML 6Page - STMicroelectronics T1250H6I Datasheet HTML 7Page - STMicroelectronics T1250H6I Datasheet HTML 8Page - STMicroelectronics T1250H6I Datasheet HTML 9Page - STMicroelectronics T1250H6I Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
T1235H, T1250H Series
Ordering Information
9/10
4
Ordering Information
5
Revision history
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
T12xxH-6G
T12xxH 6G
D2PAK
1.5 g
50
Tube
T12xxH-6G-TR
T12xxH 6G
D2PAK
1.5 g
1000
Tape and reel
T12xxH-6T
T12xxH 6T
TO-220AB
2.3 g
50
Tube
T12xxH-6I
T12xxH 6I
TO-220AB Ins
2.3 g
50
Tube
Date
Revision
Description of Changes
17-Apr-2007
1
First issue


Similar Part No. - T1250H6I

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
T1250H6F JIEJIE-T1250H6F Datasheet
555Kb / 4P
   12A TRIACs
More results

Similar Description - T1250H6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
logo
NXP Semiconductors
BTA312B NXP-BTA312B_1 Datasheet
87Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01-11 April 2007
BTA312 NXP-BTA312 Datasheet
81Kb / 12P
   12 A Three-quadrant triacs high commutation high temperature
Rev. 01- 6 April 2007
BTA412Y NXP-BTA412Y Datasheet
86Kb / 12P
   12 A Three-quadrant triacs, insulated, high commutation, high temperature
Rev. 01-3 October 2007
BTA412Y-600B NXP-BTA412Y-600B Datasheet
93Kb / 12P
   12 A three-quadrant triacs, insulated, high commutation, high temperature
Rev. 02-11 March 2008
logo
STMicroelectronics
TXDV1212RG STMICROELECTRONICS-TXDV1212RG Datasheet
93Kb / 7P
   12 A high voltage Triacs
logo
Littelfuse
QJ8012XHX LITTELFUSE-QJ8012XHX Datasheet
596Kb / 8P
   12 Amp High Temperature Alternistor Triacs
logo
STMicroelectronics
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T835H STMICROELECTRONICS-T835H Datasheet
137Kb / 10P
   High temperature 8 A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com