Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C160-150K6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27C160-150K6
Description  16 Mbit (2 Mb x 8 or 1 Mb x 16) UV EPROM and OTP EPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C160-150K6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27C160-150K6 Datasheet HTML 4Page - STMicroelectronics M27C160-150K6 Datasheet HTML 5Page - STMicroelectronics M27C160-150K6 Datasheet HTML 6Page - STMicroelectronics M27C160-150K6 Datasheet HTML 7Page - STMicroelectronics M27C160-150K6 Datasheet HTML 8Page - STMicroelectronics M27C160-150K6 Datasheet HTML 9Page - STMicroelectronics M27C160-150K6 Datasheet HTML 10Page - STMicroelectronics M27C160-150K6 Datasheet HTML 11Page - STMicroelectronics M27C160-150K6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Device description
M27C160
8/26
2
Device description
Table 2 lists the operating modes of the M27C160. A single power supply is required in the
read mode. All inputs are TTL compatible except for VPP and 12V on A9 for the Electronic
Signature.
Note:
X = V
IH or VIL, VID = 12V ± 0.5V.
2.1
Read mode
The M27C160 has two organisations, Word-wide and Byte-wide. The organisation is
selected by the signal level on the BYTEVPP pin. When BYTEVPP is at VIH the Word-wide
organisation is selected and the Q15A–1 pin is used for Q15 Data Output. When the
BYTEVPP pin is at VIL the Byte-wide organisation is selected and the Q15A–1 pin is used for
the Address Input A–1. When the memory is logically regarded as 16 bit wide, but read in
the Byte-wide organisation, then with A–1 at VIL the lower 8 bits of the 16 bit data are
selected and with A–1 at VIH the upper 8 bits of the 16 bit data are selected.
The M27C160 has two control functions, both of which must be logically active in order to
obtain data at the outputs. In addition the Word-wide or Byte- wide organisation must be
selected.
Chip Enable (E) is the power control and should be used for device selection. Output Enable
(G) is the output control and should be used to gate data to the output pins independent of
device selection. Assuming that the addresses are stable, the address access time (tAVQV)
is equal to the delay from E to output (tELQV). Data is available at the output after a delay of
tGLQV from the falling edge of G, assuming that E has been low and the addresses have
been stable for at least tAVQV-tGLQV.
2.2
Standby mode
The M27C160 has a standby mode which reduces the active current from 50mA to 100µA.
The M27C160 is placed in the standby mode by applying a CMOS high signal to the E input.
Table 2.
Operating Modes
Mode
E
G
BYTEVPP
A9
Q15A–1
Q8-Q14
Q7-Q0
Read Word-wide
VIL
VIL
VIH
X
Data Out
Data Out
Data Out
Read Byte-wide Upper
VIL
VIL
VIL
XVIH
Hi-Z
Data Out
Read Byte-wide Lower
VIL
VIL
VIL
XVIL
Hi-Z
Data Out
Output Disable
VIL
VIH
X
X
Hi-Z
Hi-Z
Hi-Z
Program
VIL Pulse
VIH
VPP
X
Data In
Data In
Data In
Verify
VIH
VIL
VPP
X
Data Out
Data Out
Data Out
Program Inhibit
VIH
VIH
VPP
X
Hi-Z
Hi-Z
Hi-Z
Standby
VIH
X
X
X
Hi-Z
Hi-Z
Hi-Z
Electronic Signature
VIL
VIL
VIH
VID
Code
Codes
Codes


Similar Part No. - M27C160-150K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160-150K6 STMICROELECTRONICS-M27C160-150K6 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C160-150K6TR STMICROELECTRONICS-M27C160-150K6TR Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
More results

Similar Description - M27C160-150K6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
   8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com