Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3142 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3142
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3142 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3142_07 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3142_07 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical Characteristics
1
C
IN = CCP = C1 = C2 = 1.0µF; TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C,
V
IN = 3.5V.
Symbol
Description
Conditions
Min Typ Max
Units
Input Power Supply
V
IN
Operation Range
2.7
5.5
V
I
cc
Operating Current
VD1:D3 = 2.0V, CP = 1X
550
µA
No Load Current, CP = 1.5X
3
5
mA
I
SHDN
Shutdown Current
V
IN = 3.5V, EN/SET = 0
1
µA
I
DX
Output Current Accuracy
2
V
IN = 3.5V, TA = 25°C
-10
10
%
I
(D-Match)
Current Matching
3
VD1:D3 = 3.6V, V
IN = 3.5V
-3
±0.5
3
%
η
CP
Charge Pump Section Efficiency
V
IN = 3.5V, IOUT(TOTAL) = 90mA,
93
%
Measured from IN to CP
Charge Pump Section
T
SS
Soft-Start Time
50
µs
F
CLK
Clock Frequency
1
MHz
EN/SET
V
EN(L)
Enable Threshold Low
V
IN = 2.7V
0.4
V
V
EN(H)
Enable Threshold High
V
IN = 5.5V
1.4
V
T
EN/SET LO
EN/SET Low Time
0.3
75
µs
T
EN/SET HI MIN
Minimum EN/SET High Time
50
ns
T
EN/SET HI MAX
Maximum EN/SET High Time
75
µs
T
OFF
EN/SET Off Timeout
500
µs
T
LAT
EN/SET Latch Timeout
500
µs
I
EN/SET
EN/SET Input Leakage
V
EN/SET = 5.5V, VIN = 5.5V
-1
1
µA
AAT3142
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
4
3142.2007.03.1.2
1. The AAT3142 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Codes 2 through 7 are guaranteed to be within ±15% of stated current level.
3. Current matching is defined as I
(D-Match) = (ID - IAVE)/IAVE.


Similar Part No. - AAT3142_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3142ITP-T1 ANALOGICTECH-AAT3142ITP-T1 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3142ITP-T1 AAT-AAT3142ITP-T1 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3142_07

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com