Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M40ZVCCMH6F Datasheet(PDF) 6 Page - STMicroelectronics

Part # M40ZVCCMH6F
Description  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40ZVCCMH6F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M40ZVCCMH6F Datasheet HTML 2Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 3Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 4Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 5Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 6Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 7Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 8Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 9Page - STMicroelectronics M40ZVCCMH6F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Description
M40Z300, M40Z300W
6/25
Figure 1.
Logic diagram
1.
For 16-pin SOIC package only.
Table 1.
Signal names
THS
Threshold select input
E
Chip enable input
E1CON - E4CON
Conditioned chip enable output
A, B
Decoder inputs
RST
Reset output (open drain)
BL
Battery low output (open drain)
VOUT
Supply voltage output
VCC
Supply voltage
VSS
Ground
B +
Positive battery pin
B –
Negative battery pin(1)
1.
For M40Z300W, B– must be connected to the negative battery terminal only (not to Pin 8, VSS).
NC
Not connected internally
AI02242
THS
VCC
M40Z300
M40Z300W
BL
VSS
E
VOUT
B
A
E1CON
E2CON
E3CON
E4CON
RST
B +
(1)
B –
(1)


Similar Part No. - M40ZVCCMH6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40ZVCCMH6F STMICROELECTRONICS-M40ZVCCMH6F Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
More results

Similar Description - M40ZVCCMH6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com