Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6932H1.2TR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6932H1.2TR
Description  High performance 2A ULDO linear regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2TR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6932H1.2TR Datasheet HTML 5Page - STMicroelectronics L6932H1.2TR Datasheet HTML 6Page - STMicroelectronics L6932H1.2TR Datasheet HTML 7Page - STMicroelectronics L6932H1.2TR Datasheet HTML 8Page - STMicroelectronics L6932H1.2TR Datasheet HTML 9Page - STMicroelectronics L6932H1.2TR Datasheet HTML 10Page - STMicroelectronics L6932H1.2TR Datasheet HTML 11Page - STMicroelectronics L6932H1.2TR Datasheet HTML 12Page - STMicroelectronics L6932H1.2TR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
L6932H1.2
10/13
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - L6932H1.2TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6932H1.2TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com