Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6932H1.2TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6932H1.2TR
Description  High performance 2A ULDO linear regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6932H1.2TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6932H1.2TR Datasheet HTML 4Page - STMicroelectronics L6932H1.2TR Datasheet HTML 5Page - STMicroelectronics L6932H1.2TR Datasheet HTML 6Page - STMicroelectronics L6932H1.2TR Datasheet HTML 7Page - STMicroelectronics L6932H1.2TR Datasheet HTML 8Page - STMicroelectronics L6932H1.2TR Datasheet HTML 9Page - STMicroelectronics L6932H1.2TR Datasheet HTML 10Page - STMicroelectronics L6932H1.2TR Datasheet HTML 11Page - STMicroelectronics L6932H1.2TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Components selection
L6932H1.2
8/13
6.3
Component part list
7
Components selection
7.1
Input capacitor
The input capacitor value depends on a lot of factors such as load transient requirements,
input source (battery or DC/DC converter) and its distance from the input cap. Usually a
47µF is enough for any application but a much lower value can be sufficient in many cases.
7.2
Output capacitor
The output capacitor choice depends basically on the load transient requirements.
Tantalum, Special Polymer, POSCAP and aluminum capacitors are good and offer very low
ESR values. Multilayer ceramic caps have the lowest ESR and can be required for
particular applications. Nevertheless in several applications they are ok, the loop stability
issue has to be considered (see loop stability section).
Below a list of some suggested capacitor manufacturers
Table 6. Component par list
Reference
Part number
Description
Manufacturer
C1
GRM32ER6C226KE20B
22Uf, 16V
MURATA
C2
GRM32ER6C226KE20B
22Uf, 16V
MURATA
R1
N.M.
R2
0
R3
100K
Table 7. Suggested capacitor
Manufacturer
Type
Cap Value (µF)
Rated Voltage (V)
MURATA
CERAMIC
1 to 47
4 to 16
PANASONIC
CERAMIC
1 to 47
4 to 16
TAYO YUDEN
CERAMIC
1 to 47
4 to 16
TDK
CERAMIC
1 to 47
4 to 16
TOKIN
CERAMIC
1 to 47
4 to 16
SANYO
POSCAP
1 to 47
4 to 16
PANASONIC
SP
1 to 47
4 to 16
KEMET
TANTALUM
1 to 47
4 to 16


Similar Part No. - L6932H1.2TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2 STMICROELECTRONICS-L6932D1.2 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932D1.2TR STMICROELECTRONICS-L6932D1.2TR Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
More results

Similar Description - L6932H1.2TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6933H12 STMICROELECTRONICS-L6933H12 Datasheet
206Kb / 12P
   High performance 2A ULDO linear regulator with Soft Start
L6935 STMICROELECTRONICS-L6935 Datasheet
483Kb / 20P
   High performance 3 A ULDO linear regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
   800mA High PSRR, ULDO Linear Regulator
logo
Micrel Semiconductor
MIC47053 MICREL-MIC47053 Datasheet
596Kb / 14P
   500mA Micropower ULDO??Linear Regulator
logo
STMicroelectronics
L4957A STMICROELECTRONICS-L4957A Datasheet
63Kb / 7P
   UP TO 5A ULDO LINEAR REGULATOR
May 2000
L4957A STMICROELECTRONICS-L4957A_06 Datasheet
120Kb / 12P
   Up to 5A ULDO linear regulator
logo
SHANGHAI BELLING CO., L...
BL8066 BELLING-BL8066 Datasheet
211Kb / 6P
   2A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com