Electronic Components Datasheet Search |
|
L6732 Datasheet(PDF) 10 Page - STMicroelectronics |
|
L6732 Datasheet(HTML) 10 Page - STMicroelectronics |
10 / 37 page Electrical characteristics L6732 10/37 Symbol Parameter Test condition Min Typ Max Unit Gate drivers RHGATE_ON High side source resistance VBOOT - VPHASE = 5 V 1.7 Ω RHGATE_OFF High side sink resistance VBOOT - VPHASE = 5 V 1.12 Ω RLGATE_ON Low side source resistance VCCDR = 5 V 1.15 Ω RLGATE_OFF Low side sink resistance VCCDR = 5 V 0.6 Ω Protections IOCH OCH current source VOCH = 1.7 V 90 100 110 µΑ IOCL OCL current source 90 100 110 µΑ OVP Over voltage trip (VFB / VEAREF) VFB rising VEAREF = 0.6 V 120 % VFB falling VEAREF = 0.6 V 117 % Under voltage threshold (V B FB B/ VBEAREFB) V B FBB falling 80 % Power good Upper threshold (V B FB B/ VBEAREFB) V B FBB rising 108 110 112 % Lower threshold (V B FB B/ VBEAREFB) V B FBB falling 88 90 92 % V B PGOODB PGOOD voltage low I B PGOODB = -5 mA 0.5 V Table 5. Electrical characteristics (VCC = 12 V, TA = 25 °C, unless otherwise specified) (continued) Table 6. Thermal characteristics (VCC = 12 V) Symbol Parameter Test condition Min Typ Max Unit Output voltage VFB Output voltage TJ = 0 °C ~ 125 °C 0.596 0.6 0.605 V TJ = -40 °C ~ 125 °C 0.593 0.6 0.605 |
Similar Part No. - L6732_08 |
|
Similar Description - L6732_08 |