Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C322-100B3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M27C322-100B3
Description  32 Mbit (2Mb x16) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C322-100B3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M27C322-100B3 Datasheet HTML 4Page - STMicroelectronics M27C322-100B3 Datasheet HTML 5Page - STMicroelectronics M27C322-100B3 Datasheet HTML 6Page - STMicroelectronics M27C322-100B3 Datasheet HTML 7Page - STMicroelectronics M27C322-100B3 Datasheet HTML 8Page - STMicroelectronics M27C322-100B3 Datasheet HTML 9Page - STMicroelectronics M27C322-100B3 Datasheet HTML 10Page - STMicroelectronics M27C322-100B3 Datasheet HTML 11Page - STMicroelectronics M27C322-100B3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Device operation
M27C322
8/24
2.4
System Considerations
The power switching characteristics of Advanced CMOS EPROMs require careful
decoupling of the supplies to the devices. The supply current ICC has three segments of
importance to the system designer: the standby current, the active current and the transient
peaks that are produced by the falling and rising edges of E. The magnitude of the transient
current peaks is dependent on the capacitive and inductive loading of the device outputs.
The associated transient voltage peaks can be suppressed by complying with the two line
output control and by properly selected decoupling capacitors. It is recommended that a
0.1µF ceramic capacitor is used on every device between VCC and VSS. This should be a
high frequency type of low inherent inductance and should be placed as close as possible to
the device. In addition, a 4.7µF electrolytic capacitor should be used between VCC and VSS
for every eight devices. This capacitor should be mounted near the power supply connection
point. The purpose of this capacitor is to overcome the voltage drop caused by the inductive
effects of PCB traces.
2.5
Programming
When delivered (and after each erasure for UV EPROM), all bits of the M27C322 are in the
"1" state. Data is introduced by selectively programming "0"s into the desired bit locations.
Although only "0"s will be programmed, both "1"s and "0"s can be present in the data word.
The only way to change a "0" to a "1" is by die exposition to ultraviolet light (UV EPROM).
The M27C322 is in the programming mode when VPP input is at 12.V, GVPP is at VIH and E
is pulsed to VIL. The data to be programmed is applied to 16 bits in parallel to the data
output pins. The levels required for the address and data inputs are TTL. VCC is specified to
be 6.25V ± 0.25V.
2.6
PRESTO III Programming Algorithm
The PRESTO III Programming Algorithm allows the whole array to be programed with a
guaranteed margin in a typical time of 100 seconds. Programming with PRESTO III consists
of applying a sequence of 50µs program pulses to each word until a correct verify occurs
(see Figure 3). During programing and verify operation a MARGIN MODE circuit must be
activated to guarantee that each cell is programed with enough margin. No overprogram
pulse is applied since the verify in MARGIN MODE provides the necessary margin to each
programmed cell.


Similar Part No. - M27C322-100B3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322-100F1 STMICROELECTRONICS-M27C322-100F1 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322-100F3 STMICROELECTRONICS-M27C322-100F3 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322-100F6 STMICROELECTRONICS-M27C322-100F6 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322-100P1 STMICROELECTRONICS-M27C322-100P1 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322-100P3 STMICROELECTRONICS-M27C322-100P3 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
More results

Similar Description - M27C322-100B3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27V322 STMICROELECTRONICS-M27V322_06 Datasheet
178Kb / 23P
   32 Mbit (2Mb 횞16) low-voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V320 STMICROELECTRONICS-M27V320 Datasheet
144Kb / 15P
   32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com