Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27W512 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M27W512
Description  512 Kbit (64 Kbit x8) low-voltage OTP EPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W512 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M27W512 Datasheet HTML 6Page - STMicroelectronics M27W512 Datasheet HTML 7Page - STMicroelectronics M27W512 Datasheet HTML 8Page - STMicroelectronics M27W512 Datasheet HTML 9Page - STMicroelectronics M27W512 Datasheet HTML 10Page - STMicroelectronics M27W512 Datasheet HTML 11Page - STMicroelectronics M27W512 Datasheet HTML 12Page - STMicroelectronics M27W512 Datasheet HTML 13Page - STMicroelectronics M27W512 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Device operation
M27W512
10/22
2.6
PRESTO IIB programming algorithm
PRESTO IIB programming algorithm allows the whole array to be programmed with a
guaranteed margin, in a typical time of 6.5 seconds. This can be achieved with
STMicroelectronics M27W512 due to several design innovations described in the M27W512
datasheet to improve programming efficiency and to provide adequate margin for reliability.
Before starting the programming the internal MARGIN MODE circuit must be set in order to
guarantee that each cell is programmed with enough margin. Then a sequence of 100µs
program pulses is applied to each byte until a correct verify occurs (see Figure 3). No
overprogram pulses are applied since the verify in MARGIN MODE at VCC much higher than
3.6V, provides the necessary margin.
2.7
Program inhibit
Programming of multiple devices in parallel with different data is also easily accomplished.
Except for E, all like inputs including GVPP of the parallel M27W512 may be common. A TTL
low level pulse applied to a M27W512 E input, with VPP at 12.75V, will program this device.
A high level E input inhibits the other M27W512 from being programmed.
2.8
Program verify
A verify (read) should be performed on the programmed bits to determine that they were
correctly programmed. The verify is accomplished with G at VIL. Data should be verified with
tELQV after the falling edge of E.
2.9
Electronic signature
The Electronic Signature (ES) mode allows the reading out of a binary code from an
EPROM that will identify its manufacturer and type. This mode is intended for use by
programming equipment to automatically match the device to be programmed with its
corresponding programming algorithm. The ES mode is functional in the 25°C ± 5°C
ambient temperature range that is required when programming the M27W512. To activate
the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of
the M27W512. Two identifier bytes may then be sequenced from the device outputs by
toggling address line A0 from VIL to VIH. All other address lines must be held at VIL during
Electronic Signature mode. Byte 0 (A0 = VIL) represents the manufacturer code and byte 1
(A0 = VIH) the device identifier code. For the STMicroelectronics M27W512, these two
identifier bytes are given in Table 3 and can be read-out on outputs Q7 to Q0.
Note that the M27W512 and M27C512 have the same identifier byte.


Similar Part No. - M27W512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27W512 STMICROELECTRONICS-M27W512 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27W512-100B6 STMICROELECTRONICS-M27W512-100B6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27W512-100B6E STMICROELECTRONICS-M27W512-100B6E Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27W512-100B6F STMICROELECTRONICS-M27W512-100B6F Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27W512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W512-100K6 STMICROELECTRONICS-M27W512-100K6 Datasheet
369Kb / 21P
   512 Kbit (64K x8) Low Voltage UV EPROM and OTP EPROM
M27V512 STMICROELECTRONICS-M27V512 Datasheet
108Kb / 16P
   512 Kbit (64Kb x8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W512 STMICROELECTRONICS-M27W512 Datasheet
108Kb / 16P
   512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512_07 Datasheet
278Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512-12C1 STMICROELECTRONICS-M27C512-12C1 Datasheet
403Kb / 22P
   512 Kbit (64K x8) UV EPROM and OTP EPROM
M27C512 STMICROELECTRONICS-M27C512 Datasheet
397Kb / 22P
   512 Kbit 64Kb x8 UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A_06 Datasheet
181Kb / 22P
   64 Kbit (8Kb x8) UV EPROM and OTP EPROM
M27C516 STMICROELECTRONICS-M27C516 Datasheet
93Kb / 12P
   512 Kbit (32Kb x16) OTP EPROM
September 1998
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com