Electronic Components Datasheet Search |
|
L6712 Datasheet(PDF) 2 Page - STMicroelectronics |
|
L6712 Datasheet(HTML) 2 Page - STMicroelectronics |
2 / 29 page L6712A L6712 2/29 Figure 2. Block Diagram Table 2. Absolute Maximum Ratings Table 3. Thermal Data Symbol Parameter Value Unit VCC, VCCDR To PGND 15 V VBOOT-VPHASE Boot Voltage 15 V VUGATE1-VPHASE1 VUGATE2-VPHASE2 15 V LGATE1, PHASE1, LGATE2, PHASE2 to PGND -0.3 to Vcc+0.3 V VID0 to VID2 -0.3 to 5 V All other pins to PGND -0.3 to 7 V VPHASEx Sustainable Peak Voltage. T<20ns @ 600kHz 26 V UGATEX Pins Maximum Withstanding Voltage Range Test Condition: CDF-AEC-Q100-002”Human Body Model” Acceptance Criteria: “Normal Performance” ±1500 V OTHER PINS ±2000 V Symbol Parameter SO28 VFQFPN36 Unit Rthj-amb Thermal Resistance Junction to Ambient 4 layer PCB (2s2p) 60 30 °C/W Tmax Maximum junction temperature 150 150 °C Tstg Storage temperature range -40 to 150 -40 to 150 °C Tj Junction Temperature Range -40 to 125 -40 to 125 °C PMAX Max power dissipation at Tamb = 25°C 23.5 W CURRENT READING TOTAL CURRENT CH1 OCP DAC CH1 OCP PWM1 ERROR AMPLIFIER REMOTE AMPLIFIER LS LS HS Vcc HS BOOT1 UGATE1 PHASE1 LGATE1 ISEN1 PGNDS1 PGND PGNDS2 ISEN2 LGATE2 PHASE2 UGATE2 BOOT2 Vcc COMP FB VSEN FBG FBR VID0 VID1 VID2 OSC / INH SGND VCCDR VCCDR VCC LOGIC AND PROTECTIONS PWM2 CH2 OCP CURRENT READING REF_IN/OUT PGOOD DROOP BAND-GAP REFERENCE DIGITAL SOFT-START CH2 OCP V PROG CURRENT READING TOTAL CURRENT CH1 OCP DAC CH1 OCP PWM1 ERROR AMPLIFIER REMOTE AMPLIFIER LS LS HS Vcc HS BOOT1 UGATE1 PHASE1 LGATE1 ISEN1 PGNDS1 PGND PGNDS2 ISEN2 LGATE2 PHASE2 UGATE2 BOOT2 Vcc COMP FB VSEN FBG FBR VID0 VID1 VID2 OSC / INH SGND VCCDR VCCDR VCC LOGIC AND PROTECTIONS PWM2 CH2 OCP CURRENT READING REF_IN/OUT PGOOD DROOP BAND-GAP REFERENCE DIGITAL SOFT-START CH2 OCP V PROG |
Similar Part No. - L6712_05 |
|
Similar Description - L6712_05 |