Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L6562AN Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6562AN
Description  Transition-mode PFC controller
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AN Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6562AN Datasheet HTML 12Page - STMicroelectronics L6562AN Datasheet HTML 13Page - STMicroelectronics L6562AN Datasheet HTML 14Page - STMicroelectronics L6562AN Datasheet HTML 15Page - STMicroelectronics L6562AN Datasheet HTML 16Page - STMicroelectronics L6562AN Datasheet HTML 17Page - STMicroelectronics L6562AN Datasheet HTML 18Page - STMicroelectronics L6562AN Datasheet HTML 19Page - STMicroelectronics L6562AN Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application information
L6562A
16/26
7.4
Operating with no auxiliary winding on the boost inductor
To generate the synchronization signal on the ZCD pin, the typical approach requires the
connection between the pin and an auxiliary winding of the boost inductor through a limiting
resistor. When the device is supplied by the cascaded DC-DC converter, it is necessary to
introduce a supplementary winding to the PFC choke just to operate the ZCD pin.
Another solution could be implemented by simply connecting the ZCD pin to the drain of the
power MOSFET through an R-C network as shown in figure 3: in this way the high-
frequency edges experienced by the drain will be transferred to the ZCD pin, hence arming
and triggering the ZCD comparator.
Also in this case the resistance value must be properly chosen to limit the current
sourced/sunk by the ZCD pin. In typical applications with output voltages around 400V,
recommended values for these components are 22pF (or 33pF) for CZCD and 330k for
RZCD. With these values proper operation is guaranteed even with few volts difference
between the regulated output voltage and the peak input voltage
Figure 20. ZCD pin synchronization without auxiliary winding
L6562A
CZCD
RZCD
5
ZCD


Similar Part No. - L6562AN

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATD STMICROELECTRONICS-L6562ATD Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATDTR STMICROELECTRONICS-L6562ATDTR Datasheet
492Kb / 25P
   Transition-mode PFC controller
L6562ATN STMICROELECTRONICS-L6562ATN Datasheet
492Kb / 25P
   Transition-mode PFC controller
More results

Similar Description - L6562AN

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
STMicroelectronics
STMicroelectronics
L6562AT STMICROELECTRONICS-L6562AT Datasheet
492Kb / 25P
   Transition-mode PFC controller
ADTech
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
Texas Instruments
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
STMicroelectronics
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
Diodes Incorporated
Diodes Incorporated
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
STMicroelectronics
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
Diodes Incorporated
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
STMicroelectronics
STMicroelectronics
L6563S STMICROELECTRONICS-L6563S Datasheet
1Mb / 42P
   Enhanced transition-mode PFC controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com