Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L4931CDT33-TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L4931CDT33-TR
Description  Very low drop voltage regulators with inhibit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4931CDT33-TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L4931CDT33-TR Datasheet HTML 19Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 20Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 21Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 22Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 23Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 24Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 25Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 26Page - STMicroelectronics L4931CDT33-TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
L4931ABxx - L4931Cxx
Electrical characteristics
23/36
Table 18.
Electrical characteristics of L4931Cxx120 (refer to the test circuits, TA = 25 °C,
CI = 0.1 µF, CO = 2.2 µF unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 5 mA, VI = 14 V
11.76
12
12.24
V
IO = 5 mA, VI = 14 V, TA=-25 to 85°C
11.52
12.48
VI
Operating input voltage
IO = 250 mA
20
V
Iout
Output current limit
300
mA
ΔVO
Line regulation
VI = 12.9 to 20 V, IO = 0.5 mA
4
24
mV
ΔVO
Load regulation (1)
VI = 13.1 V, IO = 0.5 to 250 mA
3
18
mV
Id
Quiescent current
ON MODE
VI = 13.1 to 20 V, IO = 0 mA
0.8
1.6
mA
VI = 13.1 to 20 V, IO = 250 mA
4.5
7
OFF MODE
VI = 6 V
90
180
µA
SVR
Supply voltage rejection
IO = 5 mA
VI = 14.1 ± 1 V
f = 120 Hz
64
dB
f = 1 kHz
61
f = 10 kHz
55
eN
Output noise voltage
B = 10 Hz to 100 kHz
50
µV
Vd
Dropout voltage (1)
IO = 250 mA
0.4
0.6
V
IO = 250 mA, TA= -40 to 125°C
0.8
V
VIL
Control input logic low
TA = -40 to 125°C
0.8
V
VIH
Control Input Logic High
TA = -40 to 125°C
2
V
II
Control input current
VI = 6 V, VC = 6 V
10
µA
CO
Output bypass
capacitance
ESR = 0.1 to 10
Ω, IO = 0 to 250 mA
2
10
µF
1.
For SO-8 package the maximum limit of load regulation and dropout is increased by 20 mV.


Similar Part No. - L4931CDT33-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4931CDT33 STMICROELECTRONICS-L4931CDT33 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
More results

Similar Description - L4931CDT33-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF00 STMICROELECTRONICS-LF00 Datasheet
649Kb / 34P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LF00AB STMICROELECTRONICS-LF00AB Datasheet
260Kb / 32P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB Datasheet
912Kb / 39P
   Very low drop voltage regulators with inhibit
July 2008 Rev 12
LF00 STMICROELECTRONICS-LF00_06 Datasheet
598Kb / 46P
   Very low drop voltage regulators with inhibit
L4931 STMICROELECTRONICS-L4931 Datasheet
324Kb / 29P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
January 2004
KF00 STMICROELECTRONICS-KF00 Datasheet
224Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LEXXAB STMICROELECTRONICS-LEXXAB_08 Datasheet
908Kb / 39P
   Very low drop voltage regulators with inhibit
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
   Very low drop voltage regulators with inhibit
LD2981 STMICROELECTRONICS-LD2981 Datasheet
414Kb / 17P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
LE00AB STMICROELECTRONICS-LE00AB Datasheet
207Kb / 27P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com