Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2550 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2550
Description  Total Power Solution for Portable Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2550 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2550_08 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2550_08 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AAT2550178
Total Power Solution for Portable Applications
SystemPowerTM
PRODUCT DATASHEET
2550.2008.02.1.3
5
www .analogictech.com
AAT2550178
Total Power Solution for Portable Applications
SystemPowerTM
PRODUCT DATASHEET
2550.2008.02.1.3
5
www .analogictech.com
Electrical Characteristics1 (continued)
VADP = 5V; TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Battery Charger
VADP
Adapter Voltage Range
4.0
5.5
V
VUVLO
Under-Voltage Lockout
Rising Edge
3.0
V
UVLO Hysteresis
150
mV
IQ
Quiescent Current
ICHARGE = 100mA
0.75
3.0
mA
ISLEEP
Sleep Mode Current
VBAT = 4.25V
0.3
1.0
μA
ILEAKAGE
Reverse Leakage Current
VBAT = 4V, ADP Pin Open
1.0
μA
ISHDN
Shutdown Current
VEN = GND
1.0
μA
VBAT_EOC2
End of Charge Voltage Accuracy
4.158
4.2
4.242
V
ΔVCH/VCH
Output Charge Voltage Tolerance
0.5
%
VMIN
Preconditioning Voltage Threshold
2.80
3.0
3.15
V
VRCH
Battery Recharge Voltage Threshold
VBAT_EOC - 0.1
V
ICH
Charge Current
100
1000
mA
ΔICH/ICH
Charge Current Regulation Tolerance
10
%
VADPSET
ADPSET Pin Voltage
Constant Current Mode
2.0
V
KIA
Current Set Factor: ICH/IADPSET
4000
RDS(ON)
Charger Pass Device
VIN = 5.5V
0.20
0.25
0.35
Ω
TC
Constant Current Mode Time-Out
CT = 100nF, VADP = 5.5V
3.0
Hour
TP
Preconditioning Time-Out
CT = 100nF, VADP = 5.5V
25
Minute
TV
Constant Voltage Mode Time-Out
CT = 100nF, VADP = 5.5V
3.0
Hour
VSTAT
Output Low Voltage
ISINK = 4mA
0.4
V
ISTAT
STAT Sink Current
8.0
mA
VOVP
Over-Voltage Protection
4.4
V
ITK/ICH
Preconditioning (Trickle Charge) Current
10
%
ITERM/ICH
Charge Termination Threshold Current
7.5
%
ITS
Current Source from TS Pin
70
80
90
μA
TS1
TS Hot Temperature Fault
Threshold
310
330
350
mV
Hysteresis
15
TS2
TS Cold Temperature Fault
Threshold
2.2
2.3
2.4
V
Hysteresis
10
mV
IDATA
DATA Pin Sink Current
DATA Pin is Active Low
3.0
mA
VDATA(H)
Input High Threshold
1.6
V
VDATA(L)
Input Low Threshold
0.4
V
SQPULSE
Status Request Pulse Width
200
ns
TPeriod
System Clock Period
50
μs
FDATA
Data Output Frequency
20
kHz
TREG
Thermal Loop Regulation
90
°C
TLOOP_IN
Thermal Loop Entering Threshold
110
°C
TLOOP_OUT
Thermal Loop Exiting Threshold
85
°C
TSD
Over-Temperature Shutdown Threshold
145
°C
1. The AAT2550 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.
2. End of Charge Voltage Accuracy is specified over the 0° to 70°C ambient temperature range.


Similar Part No. - AAT2550_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2550ISK-CAA-T1 ANALOGICTECH-AAT2550ISK-CAA-T1 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550ISK-CAA-T1 SKYWORKS-AAT2550ISK-CAA-T1 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
More results

Similar Description - AAT2550_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2552 ANALOGICTECH-AAT2552 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
AAT2552 ANALOGICTECH-AAT2552_08 Datasheet
829Kb / 31P
   Total Power Solution for Portable Applications
AAT2603 ANALOGICTECH-AAT2603_08 Datasheet
3Mb / 26P
   Total Power Solution for Portable Applications
AAT2550 ANALOGICTECH-AAT2550 Datasheet
906Kb / 35P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2601B SKYWORKS-AAT2601B Datasheet
4Mb / 39P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com