Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L7809ACV Datasheet(PDF) 8 Page - STMicroelectronics

Part # L7809ACV
Description  Precision 1 A regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809ACV Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L7809ACV Datasheet HTML 4Page - STMicroelectronics L7809ACV Datasheet HTML 5Page - STMicroelectronics L7809ACV Datasheet HTML 6Page - STMicroelectronics L7809ACV Datasheet HTML 7Page - STMicroelectronics L7809ACV Datasheet HTML 8Page - STMicroelectronics L7809ACV Datasheet HTML 9Page - STMicroelectronics L7809ACV Datasheet HTML 10Page - STMicroelectronics L7809ACV Datasheet HTML 11Page - STMicroelectronics L7809ACV Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
L78xxAB - L78xxAC
8/26
Table 5.
Electrical characteristics of L7806A (VI = 11 V, IO = 1 A, TJ = 0 to 150 °C (L7806AC),
TJ = -40 to 125 °C (L7806AB), unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
5.88
6
6.12
V
VO
Output voltage
IO = 5mA to 1A, PO ≤15W
VI = 8.6 to 21V
5.76
6
6.24
V
ΔVO (1) Line regulation
VI = 8.6 to 25V, IO = 500 mA
9
60
mV
VI = 9 to 13V
11
60
mV
VI = 9 to 13V, TJ = 25°C
3
30
mV
VI = 8.3 to 21V, TJ = 25°C
9
60
mV
ΔVO (1) Load regulation
IO = 5mA to 1A
25
100
mV
IO = 5mA to 1.5A, TJ = 25°C
30
100
V
IO = 250 to 750mA
10
50
V
Iq
Quiescent current
TJ = 25°C
4.3
6
mA
6mA
ΔIq
Quiescent current change
VI = 9 to 25V, IO = 500 mA
0.8
mA
VI = 8.6 to 21V, TJ = 25°C
0.8
mA
IO = 5mA to 1A
0.5
mA
SVR
Supply voltage rejection
VI = 9 to 19V, f = 120Hz, IO = 500mA
65
dB
Vd
Dropout voltage
IO = 1A, TJ = 25°C
2
V
eN
Output noise voltage
TA = 25°C, B =10Hz to 100kHz
10
µV/VO
RO
Output resistance
f =1kHz
17
m
Ω
Isc
Short circuit current
VI = 35V, TA = 25°C
0.2
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
ΔVO/ΔT Output voltage drift
-0.8
mV/°C
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.


Similar Part No. - L7809ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7809ACV STMICROELECTRONICS-L7809ACV Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7809ACV STMICROELECTRONICS-L7809ACV Datasheet
373Kb / 28P
   Precision 1A regulators
L7809ACV STMICROELECTRONICS-L7809ACV Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7809ACV STMICROELECTRONICS-L7809ACV Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7809ACV STMICROELECTRONICS-L7809ACV Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
More results

Similar Description - L7809ACV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78XXAB STMICROELECTRONICS-L78XXAB Datasheet
780Kb / 26P
   Precision 1 A regulators
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
logo
STMicroelectronics
SFC2723A STMICROELECTRONICS-SFC2723A Datasheet
84Kb / 1P
   Precision Voltage Regulators
L7800AB STMICROELECTRONICS-L7800AB Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
logo
Texas Instruments
UA723 TI1-UA723 Datasheet
806Kb / 21P
[Old version datasheet]   PRECISION VOLTAGE REGULATORS
logo
STMicroelectronics
L78M00AB STMICROELECTRONICS-L78M00AB Datasheet
203Kb / 17P
   PRECISION 500mA REGULATORS
L7800AB STMICROELECTRONICS-L7800AB_07 Datasheet
373Kb / 28P
   Precision 1A regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
GM6605 ETC1-GM6605 Datasheet
184Kb / 9P
   5.0A PRECISION LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com