Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP12NM50FD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP12NM50FD
Description  N-CHANNEL500V-0.32ohm-12ATO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??Power MOSFET with FAST DIODE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP12NM50FD Datasheet(HTML) 4 Page - STMicroelectronics

  STP12NM50FD Datasheet HTML 1Page - STMicroelectronics STP12NM50FD Datasheet HTML 2Page - STMicroelectronics STP12NM50FD Datasheet HTML 3Page - STMicroelectronics STP12NM50FD Datasheet HTML 4Page - STMicroelectronics STP12NM50FD Datasheet HTML 5Page - STMicroelectronics STP12NM50FD Datasheet HTML 6Page - STMicroelectronics STP12NM50FD Datasheet HTML 7Page - STMicroelectronics STP12NM50FD Datasheet HTML 8Page - STMicroelectronics STP12NM50FD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STP12NM50FD / STP12NM50FDFP / STB12NM50FD / STB12NM50FD-1 / STW14NM50FD
4/14
Safe Operating Area For TO-247
Safe Operating Area For TO-220FP
Safe Operating Area For TO-220/D2PAK/I2PAK
Thermal Impedance For TO-247
Thermal Impedance For TO-220FP
Thermal Impedance For TO-220/D2PAK/I2PAK


Similar Part No. - STP12NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NM50FD STMICROELECTRONICS-STP12NM50FD Datasheet
466Kb / 18P
   N-channel 500V - 0.32廓 - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
More results

Similar Description - STP12NM50FD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB12NM50FD STMICROELECTRONICS-STB12NM50FD_06 Datasheet
466Kb / 18P
   N-channel 500V - 0.32廓 - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh??Power MOSFET (with fast diode)
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
495Kb / 17P
   N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STP20NM50FD STMICROELECTRONICS-STP20NM50FD Datasheet
276Kb / 9P
   N-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh??Power MOSFET with FAST DIODE
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
   N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
   N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
STB23NM60ND STMICROELECTRONICS-STB23NM60ND Datasheet
343Kb / 15P
   N-channel 600 V - 0.150 廓 - 20 A - D2/I2PAK - TO-220/FP - TO-247 FDmesh??II Power MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com