Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-24S0181.8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS-24S0181.8
Description  1.8 A DC-DC converter modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-24S0181.8 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-24S0181.8 Datasheet HTML 1Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 2Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 3Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 4Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 5Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 6Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 7Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 8Page - STMicroelectronics GS-24S0181.8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
February 2008
Rev 2
1/15
15
GS-R24FP
1.8 A DC-DC converter modules
Features
MTBF 1 000 000 hours (TA = 25 °C)
1.8 A max output current
35 V max input voltage
1.5 V max drop-out voltage
Remote logic inhibit/enable
Synchronization
Not-latching overload and short circuit
protection
Thermal shutdown
Fixed or adjustable output
No heatsink required
Operating temperature range -25 °C ÷ 85 °C
Description
The GS-R24FP series is a family of high
efficiency step down switching voltage regulator,
designed to replace linear regulators.
Based on ST L5973A device, this non isolated
family of regulators are suitable for the full
spectrum of applications including telecom,
industry, computer and distributed power system
applications having a widely ranging input
voltage.
Packing type: V = vertical PTH
Packing type: S = horizontal SMD
www.st.com
Table 1.
Device summary
Order codes
Output voltage
[V]
Input voltage
[V]
Output ripple
[mVpp]
Efficiency
[%]
Notes
GS-R24FP0181.8
1.8 ± 4%
16 ÷ 35
25
59 - 63
Fixed output voltage
GS-R24FP0251.8
2.5 ± 4%
16 ÷ 35
30
66 - 70
Fixed output voltage
GS-R24FP0331.8
3.3 ± 4%
16 ÷ 35
30
70 - 75
Fixed output voltage
GS-R24FP0501.8
5.0 ± 4%
16 ÷ 35
40
79 - 83
Fixed output voltage
GS-R24FP0001.8
1.235 ÷
5.5%
16 ÷ 35
40
56 - 83
Progr. output voltage


Similar Part No. - GS-24S0181.8

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
logo
3M Electronics
GS-2000-4405-4 3M-GS-2000-4405-4 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4406-2 3M-GS-2000-4406-2 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
GS-2000-4407-0 3M-GS-2000-4407-0 Datasheet
158Kb / 17P
   Identification of the substance/mixture and of the company/undertaking
More results

Similar Description - GS-24S0181.8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
logo
Power Systems GmbH+Co.K...
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
HRS-0505 POWER-SYSTEMS-HRS-0505 Datasheet
229Kb / 5P
   DC-DC Converter UNIT 1.8 W REGULATED DC-DC CONVERTER
logo
Murata Power Solutions ...
PWR6000 MURATA-PS-PWR6000 Datasheet
123Kb / 4P
   1.8 WATT REGULATED DC/DC CONVERTER
logo
C&D Technologies
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
   1.8 WATT UNREGULATED DC/DC CONVERTER
logo
Bothhand USA, LP.
CSU0509-LF BOTHHAND-CSU0509-LF Datasheet
141Kb / 2P
   1.8 Watt Isolated DC-DC Converter
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com