Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-12V0331.9 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. GS-12V0331.9
Description  1.9 A DC-DC converter modules
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-12V0331.9 Datasheet(HTML) 1 Page - STMicroelectronics

  GS-12V0331.9 Datasheet HTML 1Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 2Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 3Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 4Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 5Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 6Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 7Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 8Page - STMicroelectronics GS-12V0331.9 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Data
This is preliminary information on a new product in development or undergoing evaluation.
Details are subject to change without notice.
February 2008
Rev 2
1/14
14
GS-R12FP
1.9 A DC-DC converter modules
Features
MTBF 1 000 000 hours (TA = 25 °C)
1.9 A max output current
16 V max input voltage
1.5 V max drop-out voltage
Remote logic inhibit/enable
Synchronization
Not-latching overload and short circuit
protection
Thermal shutdown
Fixed or adjustable output
No heatsink required
Operating temperature range -25 °C ÷ 85 °C
Description
The GS-R12FP series is a family of high
efficiency step down switching voltage regulator,
designed to replace linear regulators.
Based on L5973AD device, this non isolated
family of regulators are suitable for the full
spectrum of applications including telecom,
industry, computer and distributed power system
applications having a widely ranging input
voltage.
Packing type: V = vertical PTH
Packing type: S = horizontal SMD
www.st.com
Table 1.
Device summary
Order codes
Output voltage
[V]
Input voltage
[V]
Output ripple
[mVpp]
Efficiency
[%]
Notes
GS-R12FP0181.9
1.8 ± 4%
4.5 ÷ 15
25
63 - 68
Fixed output voltage
GS-R12FP0251.9
2.5 ± 4%
4.5 ÷ 15
25
70 - 73
Fixed output voltage
GS-R12FP0331.9
3.3 ± 4%
4.5 ÷ 15
25
74 - 77
Fixed output voltage
GS-R12FP0501.9
5.0 ± 4%
6.6 ÷ 15
25
82 - 83
Fixed output voltage
GS-R12FP0001.9
1.235 ÷ 5.5
4.5 ÷ 15
25
61 - 83
Progr. output voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS-R12F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
GS-R24F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
DC048B48 V Input DC-DC Converter Modules 1 2 3 4 5 MoreVicor Corporation
V48B48C250A48Vin / 48Vout / 250Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V375A15C600ADC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V48B2C100A48Vin / 2Vout / 100Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
VBED10DC-DC Converter 1 2 3 CUI INC
M57182N-315HYBRID IC UNINSULATED DC-DC CONVERTER 1 2 3 4 5 Isahaya Electronics Corporation
VFSD1-SIPDc-Dc Converter 1 2 3 CUI INC
VIFSD1-DIPDC-DC Converter 1 2 3 CUI INC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn