Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-12V0181.9 Datasheet(PDF) 12 Page - STMicroelectronics

Part # GS-12V0181.9
Description  1.9 A DC-DC converter modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-12V0181.9 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button GS-12V0181.9 Datasheet HTML 6Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 7Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 8Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 9Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 10Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 11Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 12Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 13Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ordering scheme
GS-R12FP
12/14
6
Ordering scheme
Table 8.
Ordering information scheme
GS-
R12
FV
018
1.9
Input voltage
12 = 12 V
Package
V = Vertical
S = SMD
Output voltage
018 = 1.8 V
025 = 2.5 V
033 = 3.3 V
050 = 5.0 V
000 = 1.235
÷ 5.5 V
Output current
1.9 = 1.9 A


Similar Part No. - GS-12V0181.9

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-006 FCI-CONNECTOR-GS-12-006 Datasheet
185Kb / 17P
   Conan??Micro miniature Connector System
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Similar Description - GS-12V0181.9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F_08 Datasheet
372Kb / 13P
   2 A DC-DC converter modules
GS-R24FP STMICROELECTRONICS-GS-R24FP Datasheet
454Kb / 15P
   1.8 A DC-DC converter modules
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
   DC-to-DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com