Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GS-12V0181.9 Datasheet(PDF) 11 Page - STMicroelectronics

Part No. GS-12V0181.9
Description  1.9 A DC-DC converter modules
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-12V0181.9 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button GS-12V0181.9 Datasheet HTML 6Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 7Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 8Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 9Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 10Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 11Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 12Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 13Page - STMicroelectronics GS-12V0181.9 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GS-R12FP
Additional features and protections
11/14
Figure 7.
PCB footprint for GS-R12FSxxx1.9 (dimensions in mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS-R12F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
GS-R24F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
DC048B48 V Input DC-DC Converter Modules 1 2 3 4 5 MoreVicor Corporation
V48B48C250A48Vin / 48Vout / 250Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V375A15C600ADC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V48B2C100A48Vin / 2Vout / 100Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
VBED10DC-DC Converter 1 2 3 CUI INC
M57182N-315HYBRID IC UNINSULATED DC-DC CONVERTER 1 2 3 4 5 Isahaya Electronics Corporation
VFSD1-SIPDc-Dc Converter 1 2 3 CUI INC
VIFSD1-DIPDC-DC Converter 1 2 3 CUI INC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn