Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12V0181.9 Datasheet(PDF) 10 Page - STMicroelectronics

Part No. GS-12V0181.9
Description  1.9 A DC-DC converter modules
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

GS-12V0181.9 Datasheet(HTML) 10 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Additional features and protections
GS-R12FP
10/14
5
Additional features and protections
5.1
Output overvoltage protection
The overvoltage protection, OVP, is realized by using an internal comparator, whose input is
connected to the feedback. It turns off the power stage when the OVP threshold is reached.
This threshold is typically 30 % higher than the feedback voltage.
Figure 6.
Multiple units synchronization
Figure 4.
Output voltage programming
Figure 5.
Loop compensation
Rv
Rload
4, 5
6, 7
10
8, 9
GS-RxxFp000z.z
Vout
Vin
Cc
Rv
Rload
4, 5
6, 7
10
8, 9
GS-RxxFp000z.z
Vout
Vin
GS-RxxFpyyyz.z
4, 5
6, 7
Vin
2
Rload
Vout
8, 9
Rload
4, 5
6, 7
2
8, 9
GS-RxxFpyyyz.z
Vout
Vin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS-R12F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
GS-R24F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
DC048B48 V Input DC-DC Converter Modules 1 2 3 4 5 MoreVicor Corporation
V48B48C250A48Vin / 48Vout / 250Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V375A15C600ADC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V48B2C100A48Vin / 2Vout / 100Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
VBED10DC-DC Converter 1 2 3 CUI INC
M57182N-315HYBRID IC UNINSULATED DC-DC CONVERTER 1 2 3 4 5 Isahaya Electronics Corporation
VFSD1-SIPDc-Dc Converter 1 2 3 CUI INC
VIFSD1-DIPDC-DC Converter 1 2 3 CUI INC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn