Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12V0181.9 Datasheet(PDF) 9 Page - STMicroelectronics

Part No. GS-12V0181.9
Description  1.9 A DC-DC converter modules
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

GS-12V0181.9 Datasheet(HTML) 9 Page - STMicroelectronics

Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
GS-R12FP
Application information
9/14
4.9
Soldering
Soldering phase has to be execute with care : in order to avoid undesired melting
phenomenon, particular attention has to be take on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on
IPC/JEDEC J-STD-020C ,July 2004 recommendations.
Figure 3.
Soldering
Table 7.
Soldering
Profile feature
PB free assembly
Average ramp up rate ( TSMAX to TP)
3 °C / sec max
Preheat
Temperature min ( TS MIN)
Temperature max ( TS MAX)
Time (TS MIN to TS MAX) ( tS )
150 °C
200 °C
60 – 100 sec
Time maintained above :
Temperature TL
Time tL
217 °C
40 – 70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (tP)
10 – 20 sec
Ramp down rate
6 °C / sec
Time from 25 °C to peak temperature
8 minutes max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GS-R12F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
GS-R24F_082 A DC-DC converter modules 1 2 3 4 5 MoreSTMicroelectronics
DC048B48 V Input DC-DC Converter Modules 1 2 3 4 5 MoreVicor Corporation
V48B48C250A48Vin / 48Vout / 250Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V375A15C600ADC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
V48B2C100A48Vin / 2Vout / 100Watts DC-DC Converter Module 1 2 3 4 5 MoreVicor Corporation
VBED10DC-DC Converter 1 2 3 CUI INC
M57182N-315HYBRID IC UNINSULATED DC-DC CONVERTER 1 2 3 4 5 Isahaya Electronics Corporation
VFSD1-SIPDc-Dc Converter 1 2 3 CUI INC
VIFSD1-DIPDC-DC Converter 1 2 3 CUI INC

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn