Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP11NM60A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP11NM60A
Description  N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11NM60A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP11NM60A Datasheet HTML 3Page - STMicroelectronics STP11NM60A Datasheet HTML 4Page - STMicroelectronics STP11NM60A Datasheet HTML 5Page - STMicroelectronics STP11NM60A Datasheet HTML 6Page - STMicroelectronics STP11NM60A Datasheet HTML 7Page - STMicroelectronics STP11NM60A Datasheet HTML 8Page - STMicroelectronics STP11NM60A Datasheet HTML 9Page - STMicroelectronics STP11NM60A Datasheet HTML 10Page - STMicroelectronics STP11NM60A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
STP11NM60A/STP11NM60AFP/STB11NM60A-1
8/11
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C


Similar Part No. - STP11NM60A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
logo
Inchange Semiconductor ...
STP11NM60 ISC-STP11NM60 Datasheet
317Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP11NM60 VBSEMI-STP11NM60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
STMicroelectronics
STP11NM60FD STMICROELECTRONICS-STP11NM60FD Datasheet
495Kb / 17P
   N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
More results

Similar Description - STP11NM60A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP8NM50 STMICROELECTRONICS-STP8NM50 Datasheet
329Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?줡ower MOSFET
STP6NK60Z STMICROELECTRONICS-STP6NK60Z Datasheet
578Kb / 13P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
April 2003
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?줚I MOSFET
STB11NM60FD STMICROELECTRONICS-STB11NM60FD Datasheet
495Kb / 17P
   N-channel 600V - 0.40OHM - 11A - TO-220/TO-220FP/D2PAK/I2PAK FDmesh TM Power MOSFET (with fast diode)
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com