Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PG05HAS23 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG05HAS23
Description  TVS Diode Array for ESD Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05HAS23 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG05HAS23 Datasheet HTML 1Page - KEC(Korea Electronics) PG05HAS23 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 3. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG05HAS23
TVS Diode Array for ESD
Protection in Portable Electronics
Revision No : 0
Protection in Portable Electronics Applications.
FEATURES
350 Watts peak pulse power (tp=8/20 s)
Transient protection for data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
IEC 61000-4-4(EFT) 40A(tp=5/50ns)
IEC 61000-4-5(Lightning) 24A(tp=8/20 s)
Standard SOT-23 Package.
Protects one Bidirectional line or two Unidirectional Lines.
Low clamping voltage.
Low leakage current.
APPLICATIONS
Cell phone handsets and accessories.
Microprocessor based equipment.
Industrial Controls.
Personal digital assistants (PDA’s)
Notebooks, desktops PC, & servers.
Portable instrumentation.
Set-Top Box, DVD Player.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. CATHODE 1
2. CATHODE 2
3. ANODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20 s)
PPK
350
W
Peak Pulse Current (tp=8/20 s)
IPP
24
A
Operating Temperature
Tj
-55 150
Storage Temperature
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6
-
-
V
Reverse Leakage Current
IR
VRWM=5V
-
-
20
A
Clamping Voltage
VC
IPP=24A, tp=8/20 s
-
-
14.5
V
Junction Capacitance
CJ
VR=0V, f=1MHz
Pin 1 to 3 and Pin 2 to 3
-
-
400
pF
Type Name
Marking
Lot No.
3
21
5HA
21
3


Similar Part No. - PG05HAS23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05HAS23 KEC-PG05HAS23 Datasheet
20Kb / 1P
   SOT-23 PACKAGE
PG05HAS23 KEC-PG05HAS23_05 Datasheet
20Kb / 1P
   SOT-23 PACKAGE
PG05HAS23 KEC-PG05HAS23_15 Datasheet
501Kb / 2P
   Protection in Portable Electronics
More results

Similar Description - PG05HAS23

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05GBUSV KEC-PG05GBUSV Datasheet
37Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05GXTE6 KEC-PG05GXTE6 Datasheet
57Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05GXUS6 KEC-PG05GXUS6 Datasheet
35Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG03DXTEV KEC-PG03DXTEV_08 Datasheet
68Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG03GXUS6 KEC-PG03GXUS6 Datasheet
35Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05TXUS6 KEC-PG05TXUS6 Datasheet
55Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG05TADF10 KEC-PG05TADF10 Datasheet
60Kb / 3P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12FXTE6 KEC-PG12FXTE6 Datasheet
35Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GAS23 KEC-PG12GAS23_09 Datasheet
36Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG12GXTS6 KEC-PG12GXTS6 Datasheet
399Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
PG24FBTS6 KEC-PG24FBTS6 Datasheet
399Kb / 2P
   TVS Diode Array for ESD Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com