Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS102-6T Datasheet(PDF) 7 Page - STMicroelectronics

Part # ACS102-6T
Description  AC switch family Transient protected AC switch (ACS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS102-6T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ACS102-6T Datasheet HTML 3Page - STMicroelectronics ACS102-6T Datasheet HTML 4Page - STMicroelectronics ACS102-6T Datasheet HTML 5Page - STMicroelectronics ACS102-6T Datasheet HTML 6Page - STMicroelectronics ACS102-6T Datasheet HTML 7Page - STMicroelectronics ACS102-6T Datasheet HTML 8Page - STMicroelectronics ACS102-6T Datasheet HTML 9Page - STMicroelectronics ACS102-6T Datasheet HTML 10Page - STMicroelectronics ACS102-6T Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ACS102-6T
AC line switch - basic application
7/11
2.1.2
AC line transient voltage ruggedness
The ACS102-6T switch is able to withstand safely the AC line transients either by clamping
the low energy spikes or by breaking over under high energy shocks, even with high turn-on
current rises.
The test circuit shown in Figure 16 is representative of the final ACS102-6T application, and
is also used to test the ACS switch according to the IEC 61000-4-5 standard conditions.
Thanks to the load limiting the current, the ACS102-6T switch withstands the voltage spikes
up to 2 kV above the peak line voltage. The protection is based on an overvoltage crowbar
technology. Actually, the ACS102-6T breaks over safely as shown in Figure 17. The
ACS102-6T recovers its blocking voltage capability after the surge (switch off back at the
next zero crossing of the current).
Such non-repetitive tests can be done 10 times on each AC line voltage polarity.
Figure 14.
Effect of the switching off of a high
inductive load - typical clamping
capability of ACS102-6T
Figure 15.
Description of the different steps
during switching off of a high
inductive load
1
2
3
4
5
I
H
I
(5 mA/div)
OUT
V
PEAK =VCL
V
(200 V/div)
OUT
100µs/div
I
H
V
CL
V
OUT
I
OUT
1
2
3
4
5
I
H
V
CL
V
OUT
I
OUT
1
2
3
4
5
Figure 16.
Overvoltage ruggedness test circuit
for resistive and inductive loads
with conditions equivalent to
IEC 61000-4-5 standards
Figure 17.
Typical current and voltage
waveforms across the ACS102-6T
during IEC 61000-4-5 standard test
2.4 kV surge
Surge generator
"1.2/50 waveform"
Rg
220
ACS102-6Tx
Rgene
2
L
5µH
R
150
Model of the load
I
(2 A/div)
OUT
V
PEAK
V
(200 V/div)
OUT
200ns/div


Similar Part No. - ACS102-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T1 STMICROELECTRONICS-ACS102-6T1 Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T1-TR STMICROELECTRONICS-ACS102-6T1-TR Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6T1TR STMICROELECTRONICS-ACS102-6T1TR Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS102-6TA STMICROELECTRONICS-ACS102-6TA Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
More results

Similar Description - ACS102-6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACS108-6S_0606 STMICROELECTRONICS-ACS108-6S_0606 Datasheet
173Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACS)
ACS102-6T STMICROELECTRONICS-ACS102-6T Datasheet
166Kb / 11P
   AC switch family Transient protected AC switch ACSTM
ACS108-6SUF-TR STMICROELECTRONICS-ACS108-6SUF-TR Datasheet
251Kb / 12P
   Overvoltage protected AC switch (ACS??
ACS108 STMICROELECTRONICS-ACS108 Datasheet
292Kb / 13P
   Overvoltage protected AC switch (ACS??
October 2013 Rev 5
ACS108-8SUN STMICROELECTRONICS-ACS108-8SUN Datasheet
369Kb / 12P
   Overvoltage protected AC switch (ACS??
July 2014 Rev 1
ACS120 STMICROELECTRONICS-ACS120 Datasheet
477Kb / 17P
   Overvoltage protected AC switch (ACS)
March 2022
ACS108-6S STMICROELECTRONICS-ACS108-6S Datasheet
131Kb / 11P
   AC switch family Transient voltage protected AC Switch (ACSTM)
ACST12 STMICROELECTRONICS-ACST12 Datasheet
184Kb / 12P
   Transient protected AC power switch
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
   Transient protected AC power switch
ACS108-6SN STMICROELECTRONICS-ACS108-6SN Datasheet
296Kb / 14P
   0.8 A - 600 V overvoltage protected AC switch (ACS™)
February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com