Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT238A Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHCT238A
Description  3 TO 8 LINE DECODER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT238A Datasheet(HTML) 2 Page - STMicroelectronics

  74VHCT238A Datasheet HTML 1Page - STMicroelectronics 74VHCT238A Datasheet HTML 2Page - STMicroelectronics 74VHCT238A Datasheet HTML 3Page - STMicroelectronics 74VHCT238A Datasheet HTML 4Page - STMicroelectronics 74VHCT238A Datasheet HTML 5Page - STMicroelectronics 74VHCT238A Datasheet HTML 6Page - STMicroelectronics 74VHCT238A Datasheet HTML 7Page - STMicroelectronics 74VHCT238A Datasheet HTML 8Page - STMicroelectronics 74VHCT238A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74VHCT238A
2/12
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don’t Care
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3
A, B, C
Address Inputs
4, 5
G2A, G2B
Enable Inputs
6
G1
Enable Input
15, 14, 13,
12, 11, 10, 9,
7
Y0 to Y7
Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
ENABLE
SELECT
G2B
G2A
G1
C
B
A
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
L
X
X
X
LLLLLLLL
X
H
XXXX
LLLLLLLL
H
XXXXX
LLLLLLLL
LL
H
LLL
H
LLLLLLL
LL
H
L
L
H
L
H
LLLLLL
LL
H
L
H
L
LL
H
LLLLL
LL
H
L
H
H
LLL
H
LLLL
LL
H
H
LL
LLLL
H
LLL
LL
H
H
L
H
LLLLL
H
L
L
LL
H
H
H
L
LLLLLL
H
L
L
L
HHHH
LLLLLLL
H


Similar Part No. - 74VHCT238A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
74VHCT238AM STMICROELECTRONICS-74VHCT238AM Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
74VHCT238AMTR STMICROELECTRONICS-74VHCT238AMTR Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
74VHCT238ATTR STMICROELECTRONICS-74VHCT238ATTR Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
More results

Similar Description - 74VHCT238A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com