Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC574 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHC574
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC574 Datasheet(HTML) 3 Page - STMicroelectronics

  74VHC574_04 Datasheet HTML 1Page - STMicroelectronics 74VHC574_04 Datasheet HTML 2Page - STMicroelectronics 74VHC574_04 Datasheet HTML 3Page - STMicroelectronics 74VHC574_04 Datasheet HTML 4Page - STMicroelectronics 74VHC574_04 Datasheet HTML 5Page - STMicroelectronics 74VHC574_04 Datasheet HTML 6Page - STMicroelectronics 74VHC574_04 Datasheet HTML 7Page - STMicroelectronics 74VHC574_04 Datasheet HTML 8Page - STMicroelectronics 74VHC574_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74VHC574
3/14
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VIN from 30% to 70% of VCC
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 75
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC = 3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0 to 20
ns/V


Similar Part No. - 74VHC574_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
logo
STMicroelectronics
74VHC574M STMICROELECTRONICS-74VHC574M Datasheet
75Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHC574M FAIRCHILD-74VHC574M Datasheet
107Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHC574M ONSEMI-74VHC574M Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
Revised May 2005
logo
Fairchild Semiconductor
74VHC574MTC FAIRCHILD-74VHC574MTC Datasheet
107Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74VHC574_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574 Datasheet
75Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHC374 STMICROELECTRONICS-74VHC374_04 Datasheet
303Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
   OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com