Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC139 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 74VHC139
Description  DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC139 Datasheet(HTML) 3 Page - STMicroelectronics

  74VHC139 Datasheet HTML 1Page - STMicroelectronics 74VHC139 Datasheet HTML 2Page - STMicroelectronics 74VHC139 Datasheet HTML 3Page - STMicroelectronics 74VHC139 Datasheet HTML 4Page - STMicroelectronics 74VHC139 Datasheet HTML 5Page - STMicroelectronics 74VHC139 Datasheet HTML 6Page - STMicroelectronics 74VHC139 Datasheet HTML 7Page - STMicroelectronics 74VHC139 Datasheet HTML 8Page - STMicroelectronics 74VHC139 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74VHC139
3/12
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VIN from 30% to 70% of VCC
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 75
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC = 3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0 to 20
ns/V


Similar Part No. - 74VHC139

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
74VHC139 FAIRCHILD-74VHC139 Datasheet
77Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
Toshiba Semiconductor
74VHC139FT TOSHIBA-74VHC139FT Datasheet
176Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
More results

Similar Description - 74VHC139

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
   Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
   Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
logo
Motorola, Inc
MC74VHC139 MOTOROLA-MC74VHC139 Datasheet
153Kb / 6P
   Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
June 1999
logo
ON Semiconductor
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A Datasheet
62Kb / 8P
   DUAL 2 TO 4 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
MC74LVX139 ONSEMI-MC74LVX139 Datasheet
162Kb / 12P
   Dual 2-to-4 Decoder/ Demultiplexer
April, 2001 ??Rev. 1
MC74LVX139 ONSEMI-MC74LVX139_05 Datasheet
93Kb / 8P
   Dual 2-to-4 Decoder/Demultiplexer
March, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com