Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6780MSWY6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM6780MSWY6F
Description  Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6780MSWY6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM6780MSWY6F Datasheet HTML 4Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 5Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 6Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 7Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 8Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 9Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 10Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 11Page - STMicroelectronics STM6780MSWY6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Description
STM6717/6718/6719/6720/STM6777/6778/6779/6780
8/29
VCC1. It can be driven from a TTL or CMOS logic line, or with open drain/collector outputs,
or connected to VSS through a switch. If unused, leave this pin open or connect it to VCC1.
Connect a normally open momentary switch from MR to VSS; external debounce circuitry is
not required. (If MR is driven from long cables or if the device is used in noisy environments,
connecting a 0.1µF capacitor from MR to VSS provides additional noise immunity.
1.1.4
Manual reset delay input (MRC) - STM6777/78/79/80)
This pin is either left open or connected to VSS via a capacitor. By selecting the appropriate
capacitor, the manual reset process, initiated by pressing the push-button Manual Reset
Input, can be delayed by any value from 6µs or more (see Table 7 on page 21).
1.1.5
Primary supply voltage monitoring input (VCC1)
It also is the input for the primary reset threshold monitor. Available fixed (customer-
selectable, factory-programmed) reset thresholds include 4.63V to 1.58V.
1.1.6
Secondary supply voltage monitoring input (VCC2)
This function is available on the STM6717/18/19/20/77/78. Fixed (customer-selectable,
factory-programmed) reset thresholds include 3.08V to 0.79V.
1.1.7
Adjustable reset comparator input (RSTIN; STM6719/20/79/80)
This is a high impedance input. RST is driven low when the voltage at the RSTIN pin falls
below 0.626V (internal reference voltage at this comparator). The monitored voltage reset
threshold is set with an external resistor-divider network.
Table 3.
Pin functions
Pin
Name
Function
STM6717
STM6718
STM6719
STM6720
STM6777
STM6778
STM6779
STM6780
1111
RST
Active-low reset output
3333
MR
Push-button reset input
––54
MRC
Manual reset delay input
5666
VCC1 Primary supply voltage input
444–
VCC2 Secondary supply voltage input
–5–5
RSTIN Adjustable reset comparator input
2222
VSS
Ground


Similar Part No. - STM6780MSWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6780 STMICROELECTRONICS-STM6780 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6780 STMICROELECTRONICS-STM6780 Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
More results

Similar Description - STM6780MSWY6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6717 STMICROELECTRONICS-STM6717 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6720SVWB6F STMICROELECTRONICS-STM6720SVWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6718SFWY6F STMICROELECTRONICS-STM6718SFWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Micrel Semiconductor
MIC2786 MICREL-MIC2786 Datasheet
585Kb / 17P
   Push-Button Reset IC with Voltage Supervisor
logo
Richtek Technology Corp...
RT9829 RICHTEK-RT9829 Datasheet
147Kb / 9P
   Dual Push-Button Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com