Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM102I Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSM102I
Description  VOLTAGE AND CURRENT CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102I Datasheet(HTML) 7 Page - STMicroelectronics

  TSM102I Datasheet HTML 1Page - STMicroelectronics TSM102I Datasheet HTML 2Page - STMicroelectronics TSM102I Datasheet HTML 3Page - STMicroelectronics TSM102I Datasheet HTML 4Page - STMicroelectronics TSM102I Datasheet HTML 5Page - STMicroelectronics TSM102I Datasheet HTML 6Page - STMicroelectronics TSM102I Datasheet HTML 7Page - STMicroelectronics TSM102I Datasheet HTML 8Page - STMicroelectronics TSM102I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TSM102/A
7/9
Figure 2 : The Application Schematic - Battery Charger Secondary Side
The first comparator ensures the “Low Battery”
signal generation thanks to the comparison of a
part of the charger’s output voltage (resistor
bridge R17, R19) and the reference voltage. Prop-
er hysteresis is given thanks to R20. An improve-
ment to the chargers security and to the battery’s
life time optimization is achieved by lowering the
current control measurement thanks to Q1 that
shunts the resistor R9 when the battery’s voltage
is below the “Low Battery” level.
The second comparator ensures the “End of
Charge” signal generation thanks to the compari-
son of a part of the charger’s output voltage (resis-
tor bridge R1, R2, R3) and the reference voltage.
When either of these two signals is active, the cor-
responding LED is polarized for convenient visual-
ization of the battery status.
3 - CALCULATION OF THE ELEMENTS
All the components values have been chosen for a
two-Lithium-Ion batteries charge application :
s Current Control : 720mA (Low Battery current
control : 250mA)
s Voltage Control : 8.4V (= 2x 4.2V)
s Low Battery : 5.6V (= 2x 2.5V + 0.6V)
s End of Charge : 8.3V (= 2x 4.15V)
Current Control :
The voltage reference is polarized thanks to the
R4 resistor (2.5mA), and the cathode of the refer-
ence gives a fixed 2.500V voltage.
I = U / R = [Vref( R8 + R9 ) / (R7 + R8 + R9) ] / Rs
= [2.5 x (390 + 820) / (10000 + 390 + 820)] / 0.375
= 720mA
I = 720mA
P = power dissipation through the sense resistor =
R I2 = 0.375 x 0.7202 = 194mW
In case of “Low Battery” conditions, the current
control is lowered thanks to the following
equation :
I = U / R = [ Vref R8 / (R7 + R8) ] / Rs
= [ 2.5 x 390 / (10000 + 390 ) ] / 0.375
= 250mA
I (LoBatt) = 250mA
Voltage Control :
Vout = Vref / [ R2 / (R1 + R2 + R3) ]
= 2.5 / [ 56 / (131.5 + 56 + 0.68 ) ]
= 8.400V
Vout = 8.400V
Low Battery signal :
If R5 = 0
Ω and R6 = open :
Vout(LoBatt) = Vref / [ R19 / ( R17 + R19 ) ]
= 2.5 / [ 10 / (12.4 + 10) ]
= 5.6V
Vout(LoBatt) = 5.6V
End of Charge signal :
Vout(EOC) = Vref / [ (R2 + R3 ) / (R1 + R2 + R3) ]
= 2.5 / [(56 + 0.68) / (131.5 + 56 + 0.68)]
= 8.300V
Vout (EOC)= 8.300V


Similar Part No. - TSM102I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM102I STMICROELECTRONICS-TSM102I Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
TSM102I TI-TSM102I Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM102I STMICROELECTRONICS-TSM102I Datasheet
105Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
TSM102ID STMICROELECTRONICS-TSM102ID Datasheet
74Kb / 10P
   DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Texas Instruments
TSM102ID TI-TSM102ID Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
More results

Similar Description - TSM102I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101 Datasheet
117Kb / 15P
   VOLTAGE AND CURRENT CONTROLLER
logo
Interpion semiconductor
IP103H INTERPION-IP103H Datasheet
232Kb / 11P
   Voltage and Current Controller
logo
E-Tech Electronics LTD
UM601_A ETL-UM601_A Datasheet
159Kb / 5P
   VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A Datasheet
150Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
   VOLTAGE AND CURRENT CONTROLLER
logo
Unisonic Technologies
UM601A UTC-UM601A_17 Datasheet
122Kb / 6P
   VOLTAGE AND CURRENT CONTROLLER
logo
STMicroelectronics
TSM102AIDT STMICROELECTRONICS-TSM102AIDT Datasheet
105Kb / 9P
   VOLTAGE AND CURRENT CONTROLLER
TSM101ACDT STMICROELECTRONICS-TSM101ACDT Datasheet
391Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
June 2001
logo
List of Unclassifed Man...
CYT101 ETC2-CYT101 Datasheet
1Mb / 3P
   Voltage and Current Controller
logo
STMicroelectronics
TSM101 STMICROELECTRONICS-TSM101_01 Datasheet
389Kb / 13P
   VOLTAGE AND CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com