Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN4NE03L Datasheet(PDF) 8 Page - STMicroelectronics

Part # STN4NE03L
Description  N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NE03L Datasheet(HTML) 8 Page - STMicroelectronics

  STN4NE03L Datasheet HTML 1Page - STMicroelectronics STN4NE03L Datasheet HTML 2Page - STMicroelectronics STN4NE03L Datasheet HTML 3Page - STMicroelectronics STN4NE03L Datasheet HTML 4Page - STMicroelectronics STN4NE03L Datasheet HTML 5Page - STMicroelectronics STN4NE03L Datasheet HTML 6Page - STMicroelectronics STN4NE03L Datasheet HTML 7Page - STMicroelectronics STN4NE03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1998 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - France - Germany - Italy - Japan - Korea - Malaysia - Malta - Mexico - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
.
®
STN4NE03L
8/8


Similar Part No. - STN4NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
More results

Similar Description - STN4NE03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
   N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET??II POWER MOSFET
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
   N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
   N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
   N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
   N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
   N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com