Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STWD100NYWY3E Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWD100NYWY3E
Description  Watchdog timer circuit
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100NYWY3E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWD100NYWY3E Datasheet HTML 3Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 4Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 5Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 6Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 7Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 8Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 9Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 10Page - STMicroelectronics STWD100NYWY3E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
STWD100
Operation
7/25
2
Operation
The STWD100 device is used to detect an out-of-control MCU. The user has to ensure
watchdog reset within the watchdog timeout period, otherwise the watchdog output is
asserted and MCU is restarted. The STWD100 can be also enabled or disabled by the chip-
enable pin.
2.1
Watchdog input (WDI)
The WDI input has to be toggled within the watchdog timeout period, tWD, otherwise the
watchdog output, WDO, is asserted. The internal watchdog timer, which counts the tWD
period, is cleared either:
1.
by a transition on watchdog output, WDO (see Figure 8) or
2.
by a pulse on enable pin, EN (see Figure 10) or
3.
by toggling WDI input (low-to-high on all versions and high-to-low on STWD100xW,
STWD100xX and STWD100xY only).
The pulses on WDI input with a duration of at least 1 µs are detected and glitches shorter
than 100 ns are ignored.
If WDI is permanently tied high or low and EN is tied low, the WDO toggles every 3.4 ms
(tWD) on STWD100xP and every tWD and tPW on STWD100xW, STWD100xX and
STWD100xY (see Figure 8).
2.2
Watchdog output (WDO)
When the VCC exceeds the timer startup voltage VSTART after power-up, the internal
watchdog timer starts counting. If the timer is not cleared within the tWD, the WDO will go
low (see Figure 6).
After exceeding the tWD, the WDO is asserted for tPW on STWD100xW, STWD100xX and
STWD100xY regardless of possible WDI transitions (see Figure 9). On STWD100xP WDO
is asserted for a minimum of 10 µs and a maximum of tWD after exceeding the tWD period
(see Figure 8 and Figure 9).
The STWD100 has an active-low open drain or push-pull output. An external pull-up resistor
connected to any supply voltage up to 6 V is required in case of open drain WDO output
(see Figure 4). Select a resistor value large enough to register a logic low, and small enough
to register a logic high while supplying all input current and leakage paths connected to the
reset output line. A 10 k
Ω pull-up resistor is sufficient in most applications.


Similar Part No. - STWD100NYWY3E

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
STW-00-070-1111-212 DIALIGHT-STW-00-070-1111-212 Datasheet
658Kb / 4P
   DuroSite LED Area Light
STW-00-070-1111-312 DIALIGHT-STW-00-070-1111-312 Datasheet
658Kb / 4P
   DuroSite LED Area Light
STW-00-150-1111-212 DIALIGHT-STW-00-150-1111-212 Datasheet
658Kb / 4P
   DuroSite LED Area Light
STW-00-150-1111-312 DIALIGHT-STW-00-150-1111-312 Datasheet
658Kb / 4P
   DuroSite LED Area Light
STW-00-250-1111-212 DIALIGHT-STW-00-250-1111-212 Datasheet
658Kb / 4P
   DuroSite LED Area Light
More results

Similar Description - STWD100NYWY3E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9WDV3501B RENESAS-ICS9WDV3501B Datasheet
249Kb / 10P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
05/30/08
logo
Integrated Device Techn...
ICS9WDV3501B IDT-ICS9WDV3501B Datasheet
106Kb / 9P
   VOLTAGE MONITOR/WATCHDOG TIMER CIRCUIT
logo
Maxim Integrated Produc...
MAX6814 MAXIM-MAX6814 Datasheet
631Kb / 6P
   5-Pin Watchdog Timer Circuit
19-2804; Rev 1; 3/04
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com