Electronic Components Datasheet Search |
|
STM6904SFEDS6E Datasheet(PDF) 6 Page - STMicroelectronics |
|
STM6904SFEDS6E Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 21 page Description STM6904 6/21 Table 2. Signal names and functions Pin Name Type Function 1MR Input Active-low manual reset input with internal pull-up resistor 2VCC Supply Primary supply voltage input and integrated fixed threshold under- voltage monitor 3 V2IN Input Second fixed threshold input monitor 4VSS Supply Ground 5 V3IN Input Adjustable third reset comparator input 6 V4IN Input Adjustable fourth reset comparator input 7TRSEL Input Controls selectable tREC. Two tREC options available. If pin is tied HIGH (VCC), tREC = 420ms If pin is tied LOW (VSS), tREC = 210ms Note: Pin must be tied to VCC or VSS (Do not float) 8RST Output Active-low open-drain reset output (10k ohm internal pull-up) |
Similar Part No. - STM6904SFEDS6E |
|
Similar Description - STM6904SFEDS6E |