Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE811QTR Datasheet(PDF) 42 Page - STMicroelectronics

Part # STMPE811QTR
Description  8-bit port expander with advanced touchscreen controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 38Page - STMicroelectronics STMPE811QTR Datasheet HTML 39Page - STMicroelectronics STMPE811QTR Datasheet HTML 40Page - STMicroelectronics STMPE811QTR Datasheet HTML 41Page - STMicroelectronics STMPE811QTR Datasheet HTML 42Page - STMicroelectronics STMPE811QTR Datasheet HTML 43Page - STMicroelectronics STMPE811QTR Datasheet HTML 44Page - STMicroelectronics STMPE811QTR Datasheet HTML 45Page - STMicroelectronics STMPE811QTR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
Touchscreen controller programming sequence
STMPE811
42/54
Z value. With the Z value obtained from the register, the user simply needs to
multiply the Z value with the touchscreen panel resistance to obtain the touch
resistance.
o)
The TSC_DATA register allows facilitation of another reading format with minimum
I2C transaction overhead by using the non autoincrement mode (or equivalent
mode in SPI). The data format is the same as TSC_DATA_XYZ, with the
exception that all the data fetched are from the same address.
p)
Enable the EN bit of the TSC_CTRL register to start the touch detection and data
acquisition.
q)
During the auto-hibernate mode, a touch detection can cause a wake-up to the
device only when the TSC is enabled and the touch detect status interrupt mask is
enabled.
r)
In order to prevent confusion, it is recommended that the user not mix the data
fetching format (TSC_DATA_X, TSC_DATA_Y, TSC_DATA_Z, TSC_DATA_XYZ
and TSC_DATA) between one reading and the next.
s)
It is also recommended that the user should perform a FIFO reset and TSC
disabling when the ADC or TSC setting are reconfigured.


Similar Part No. - STMPE811QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
651Kb / 64P
   Advanced resistive touch screen controller with 8-bit GPIO expander
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
558Kb / 66P
   S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
April 2011
More results

Similar Description - STMPE811QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
   S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
April 2011
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
   Advanced resistive touch screen controller with 8-bit GPIO expander
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Maxim Integrated Produc...
MAX7310 MAXIM-MAX7310 Datasheet
316Kb / 15P
   2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com