Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE811QTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPE811QTR
Description  8-bit port expander with advanced touchscreen controller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811QTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPE811QTR Datasheet HTML 7Page - STMicroelectronics STMPE811QTR Datasheet HTML 8Page - STMicroelectronics STMPE811QTR Datasheet HTML 9Page - STMicroelectronics STMPE811QTR Datasheet HTML 10Page - STMicroelectronics STMPE811QTR Datasheet HTML 11Page - STMicroelectronics STMPE811QTR Datasheet HTML 12Page - STMicroelectronics STMPE811QTR Datasheet HTML 13Page - STMicroelectronics STMPE811QTR Datasheet HTML 14Page - STMicroelectronics STMPE811QTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
STMPE811
I2C interface
11/54
4.3
Read operation
A write is first performed to load the register address into the Address Counter but without
sending a Stop condition. Then, the bus master sends a reStart condition and repeats the
Device Address with the R/W bit set to 1. The slave device acknowledges and outputs the
content of the addressed byte. If no additional data is to be read, the bus master must not
acknowledge the byte and terminates the transfer with a Stop condition.
If the bus master acknowledges the data byte, then it can continue to perform the data
reading. To terminate the stream of data bytes, the bus master must not acknowledge the
last output byte, and be followed by a Stop condition. If the address of the register written
into the Address Counter falls within the range of addresses that has the auto-increment
function, the data being read will be coming from consecutive addresses, which the internal
Address Counter automatically increments after each byte output. After the last memory
address, the Address Counter 'rolls-over' and the device continues to output data from the
memory address of 0x00. Similarly, for the register address that falls within a non-increment
range of addresses, the output data byte comes from the same address (which is the
address referred by the Address Counter).
Acknowledgement in read operation
For the above read command, the slave device waits, after each byte read, for an
acknowledgement during the ninth bit time. If the bus master does not drive the SDA to a
low state, then the slave device terminates and switches back to its idle mode, waiting for
the next command.
4.4
Write operations
A write is first performed to load the register address into the Address Counter without
sending a Stop condition. After the bus master receives an acknowledgement from the slave
device, it may start to send a data byte to the register (referred by the Address Counter).
The slave device again acknowledges and the bus master terminates the transfer with a
Stop condition.
If the bus master needs to write more data, it can continue the write operation without
issuing the Stop condition. Whether the Address Counter autoincrements or not after each
data byte write depends on the address of the register written into the Address Counter.
After the bus master writes the last data byte and the slave device acknowledges the receipt
of the last data, the bus master may terminate the write operation by sending a Stop
condition. When the Address Counter reaches the last memory address, it 'rolls-over' to the
next data byte write.


Similar Part No. - STMPE811QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
651Kb / 64P
   Advanced resistive touch screen controller with 8-bit GPIO expander
STMPE811QTR STMICROELECTRONICS-STMPE811QTR Datasheet
558Kb / 66P
   S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
April 2011
More results

Similar Description - STMPE811QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE610 STMICROELECTRONICS-STMPE610 Datasheet
752Kb / 56P
   S-Touch?? advanced touchscreen controller with 6-bit port expander
STMPE811 STMICROELECTRONICS-STMPE811_V01 Datasheet
558Kb / 66P
   S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
April 2011
STMPE811 STMICROELECTRONICS-STMPE811 Datasheet
50Kb / 3P
   8-bit port expander with advanced touch screen controller
STMPE811 STMICROELECTRONICS-STMPE811_09 Datasheet
651Kb / 64P
   Advanced resistive touch screen controller with 8-bit GPIO expander
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Maxim Integrated Produc...
MAX7310 MAXIM-MAX7310 Datasheet
316Kb / 15P
   2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com