Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1404BSNBQ6F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM1404BSNBQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404BSNBQ6F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM1404BSNBQ6F Datasheet HTML 4Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 5Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 6Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 7Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 8Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 9Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 10Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 11Page - STMicroelectronics STM1404BSNBQ6F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Description
STM1404
8/36
Figure 2.
QFN16 connections
Note:
See Section 2: Pin descriptions on page 11 for details.
1.
Normal mode: low when VOUT is internally switched to VCC and high when VOUT is internally switched to
battery.
2.
SAL, RST, PFO, and BLD are open drain.
3.
VREF only for STM1404A; VTPU for STM1404B/C.
Figure 3.
Block diagram
1.
Required for battery-reverse charging protection
2.
User supplied
3.
Open drain
4.
VREF only for STM1404A; VTPU for STM1404B/C
1
PFO(2)
PFI
TP1
(NH)
BLD(2)
MR
RST(2)
VCC
VCCSW
(1)
VOUT
VREF or VTPU
(3)
VBAT
VSS
AI09683
2
3
4
8
7
6
5
SAL(2)
9
10
11
12
13
14
15
16
TP2
(NL)
TP3
(NH)
TP4
(NL)
AI09684a
COMPARE @
POWER-UP
VRST
VINT
VOUT
VREF
(4)
1.237V VREF
Generator
COMPARE
COMPARE
COMPARE
COMPARE
COMPARE
High Temp.
Sense
TA > TH
Low Temp.
Sense
TA < TL
trec
Generator
VPFI
VBAT
(1)
VDET
VHV
VLV
VSO
VCC
PFI
TP1 (NH)
TP2 (NL)
TP3 (NH)
TP4 (NL)
MR
RST
(3)
PFO
(3)
BLD
(3)
VCCSW
SAL
(3)
VTPU
(4)
BAT54J
(1,2)


Similar Part No. - STM1404BSNBQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1404BSNBQ6F STMICROELECTRONICS-STM1404BSNBQ6F Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
More results

Similar Description - STM1404BSNBQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1404 STMICROELECTRONICS-STM1404 Datasheet
199Kb / 9P
   Security Supervisor with Battery Switchover
logo
Mixed Signal Integratio...
MSFIPS MSI-MSFIPS Datasheet
97Kb / 8P
   FIPS-140 Level 4 Security Supervisor
logo
STMicroelectronics
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com