Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STN2NE06 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STN2NE06
Description  N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN2NE06 Datasheet(HTML) 5 Page - STMicroelectronics

  STN2NE06 Datasheet HTML 1Page - STMicroelectronics STN2NE06 Datasheet HTML 2Page - STMicroelectronics STN2NE06 Datasheet HTML 3Page - STMicroelectronics STN2NE06 Datasheet HTML 4Page - STMicroelectronics STN2NE06 Datasheet HTML 5Page - STMicroelectronics STN2NE06 Datasheet HTML 6Page - STMicroelectronics STN2NE06 Datasheet HTML 7Page - STMicroelectronics STN2NE06 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Normalized Gate Threshold Voltage vs
Temperature
Source-drain Diode Forward Characteristics
Normalized On Resistance vs Temperature
STN2NE06
5/8


Similar Part No. - STN2NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
   N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
   N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
235Kb / 12P
   N-channel 100V - 0.33??-2A - SOT-223
logo
VBsemi Electronics Co.,...
STN2NE10LA VBSEMI-STN2NE10LA Datasheet
977Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STN2NE10L STMICROELECTRONICS-STN2NE10L_07 Datasheet
235Kb / 12P
   N-channel 100V - 0.33??-2A - SOT-223
More results

Similar Description - STN2NE06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
   P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET??II POWER MOSFET
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
   N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
   N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
   N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
   N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
   N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET??II POWER MOSFET
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
   N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
   N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET??II POWER MOSFET
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com