Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX574MTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVX574MTR
Description  LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX574MTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LVX574MTR Datasheet HTML 1Page - STMicroelectronics 74LVX574MTR Datasheet HTML 2Page - STMicroelectronics 74LVX574MTR Datasheet HTML 3Page - STMicroelectronics 74LVX574MTR Datasheet HTML 4Page - STMicroelectronics 74LVX574MTR Datasheet HTML 5Page - STMicroelectronics 74LVX574MTR Datasheet HTML 6Page - STMicroelectronics 74LVX574MTR Datasheet HTML 7Page - STMicroelectronics 74LVX574MTR Datasheet HTML 8Page - STMicroelectronics 74LVX574MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVX574
5/13
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
Figure 4: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 1KΩ or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
4
10
10
10
pF
COUT
Output
Capacitance
3.3
6
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
fIN = 10MHz
27
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC
tPZH, tPHZ
GND


Similar Part No. - 74LVX574MTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX574MTC FAIRCHILD-74LVX574MTC Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574MTC FAIRCHILD-74LVX574MTC Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVX574MTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX374 STMICROELECTRONICS-74LVX374 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373_04 Datasheet
300Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX373 STMICROELECTRONICS-74LVX373 Datasheet
77Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573 Datasheet
210Kb / 10P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX573 STMICROELECTRONICS-74LVX573_04 Datasheet
299Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX541 STMICROELECTRONICS-74LVX541 Datasheet
291Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
74LVX240 STMICROELECTRONICS-74LVX240 Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com