Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX132 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74LVX132
Description  LOW VOLTAGE CMOS QUAD 2-INPUT SCHMITT NAND GATE WITH 5V TOLERANT INPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVX132 Datasheet(HTML) 4 Page - STMicroelectronics

  74LVX132 Datasheet HTML 1Page - STMicroelectronics 74LVX132 Datasheet HTML 2Page - STMicroelectronics 74LVX132 Datasheet HTML 3Page - STMicroelectronics 74LVX132 Datasheet HTML 4Page - STMicroelectronics 74LVX132 Datasheet HTML 5Page - STMicroelectronics 74LVX132 Datasheet HTML 6Page - STMicroelectronics 74LVX132 Datasheet HTML 7Page - STMicroelectronics 74LVX132 Datasheet HTML 8Page - STMicroelectronics 74LVX132 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74LVX132
4/11
Table 8: AC Electrical Characteristics (Input tr = tf = 3ns)
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
Table 9: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per gate)
Figure 3: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
2.7
15
7.5
10.5
1.0
12.0
1.0
12.0
ns
2.7
50
8.3
12.0
1.0
13.5
1.0
13.5
3.3(*)
15
5.9
8.0
1.0
9.0
1.0
9.0
3.3(*)
50
6.5
9.0
1.0
10.0
1.0
10.0
tOSLH
tOSHL
Output To Output
Skew Time (note1,
2)
2.7
50
0.5
1.0
1.5
1.5
ns
3.3(*)
50
0.5
1.0
1.5
1.5
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
3.3
6
10
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
3.3
16
pF


Similar Part No. - 74LVX132

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX132 FAIRCHILD-74LVX132 Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132 ONSEMI-74LVX132 Datasheet
253Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX132M FAIRCHILD-74LVX132M Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
74LVX132M ONSEMI-74LVX132M Datasheet
253Kb / 9P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX132MTC FAIRCHILD-74LVX132MTC Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - 74LVX132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
logo
Motorola, Inc
MC74LCX00 MOTOROLA-MC74LCX00 Datasheet
135Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_05 Datasheet
504Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00 FAIRCHILD-74LCX00_08 Datasheet
765Kb / 13P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
74LCX00BQX FAIRCHILD-74LCX00BQX Datasheet
501Kb / 11P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX03 STMICROELECTRONICS-74LVX03 Datasheet
119Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
74LVX03 STMICROELECTRONICS-74LVX03_04 Datasheet
236Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE (OPEN DRAIN) WITH 5V TOLERANT INPUTS
logo
Toshiba Semiconductor
TC74LCX00F TOSHIBA-TC74LCX00F Datasheet
252Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
STMicroelectronics
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com