Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUR81D Datasheet(PDF) 3 Page - SunLED Corporation

Part # LUR81D
Description  8mm ROUND LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUR81D Datasheet(HTML) 3 Page - SunLED Corporation

  LUR81D Datasheet HTML 1Page - SunLED Corporation LUR81D Datasheet HTML 2Page - SunLED Corporation LUR81D Datasheet HTML 3Page - SunLED Corporation LUR81D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : MAR 19,2008
Drawing No : SDSA2817
V3
Checked : B.L.LIU
P.3/4
Part Number:
LUR81D
8mm ROUND LED LAMP
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity/ luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.


Similar Part No. - LUR81D

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Inventronics Inc.
LUR-040S105ST INVENTRONICS-LUR-040S105ST Datasheet
333Kb / 9P
   40W Constant Current IP54 Driver
Rev. A
LUR-040S150ST INVENTRONICS-LUR-040S150ST Datasheet
333Kb / 9P
   40W Constant Current IP54 Driver
Rev. A
LUR-040SXXXST INVENTRONICS-LUR-040SXXXST Datasheet
333Kb / 9P
   40W Constant Current IP54 Driver
Rev. A
LUR-060S105ST INVENTRONICS-LUR-060S105ST Datasheet
354Kb / 8P
   60W Constant Current IP54 Driver
Rev. A
More results

Similar Description - LUR81D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-793ID KINGBRIGHT-L-793ID Datasheet
61Kb / 3P
   8mm ROUND LED LAMP
WP793SRD-G KINGBRIGHT-WP793SRD-G Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-J4 KINGBRIGHT-WP793SRC-J4 Datasheet
338Kb / 5P
   8mm Round LED Lamp
WP793GD KINGBRIGHT-WP793GD Datasheet
260Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-E KINGBRIGHT-WP793SRC-E Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
WP793SRC-D KINGBRIGHT-WP793SRC-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-D KINGBRIGHT-WP793SRD-D_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-E KINGBRIGHT-WP793SRD-E_15 Datasheet
316Kb / 6P
   8mm ROUND LED LAMP
WP793SRD-H KINGBRIGHT-WP793SRD-H Datasheet
261Kb / 6P
   8mm ROUND LED LAMP
logo
SunLED Corporation
LM2BG81W SUNLED-LM2BG81W Datasheet
180Kb / 4P
   8mm ROUND LED LAMP
LUS81D SUNLED-LUS81D Datasheet
179Kb / 4P
   8mm ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com