Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDVE003A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STDVE003A
Description  Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDVE003A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STDVE003A Datasheet HTML 7Page - STMicroelectronics STDVE003A Datasheet HTML 8Page - STMicroelectronics STDVE003A Datasheet HTML 9Page - STMicroelectronics STDVE003A Datasheet HTML 10Page - STMicroelectronics STDVE003A Datasheet HTML 11Page - STMicroelectronics STDVE003A Datasheet HTML 12Page - STMicroelectronics STDVE003A Datasheet HTML 13Page - STMicroelectronics STDVE003A Datasheet HTML 14Page - STMicroelectronics STDVE003A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
STDVE003A
Functional description
11/41
Figure 6.
STDVE003A gain vs. frequency
The STDVE003A equalizer is fully adaptive and automatic in function. The default setting of
EQ_BOOST = L is recommended for optimal operation. The equalizer’s performance is
optimized for all frequencies over the cable lengths from 1 m to 25 m at EQ_BOOST = L.
If cable lengths greater than 25 m are desired in application, then EQ_BOOST = H setting is
recommended.
Input termination
The STDVE003A integrates precise 50
Ω ± 5% termination resistors, pulled up to VCC, on all
its differential input channels. External terminations are not required. This gives better
performance and also minimizes the PCB board space. These on-chip termination resistors
should match the differential characteristic impedance of the transmission line. Since the
output driver consists of current steering devices, an output voltage is not generated without
a termination resistor. Output voltage levels are dependent on the value of the total
termination resistance. The STDVE003A produces TMDS output levels for point-to-point
links that are doubly terminated (100
Ω at each end). With the typical 10 mA output current,
the STDVE003A produces an output voltage of 3.3 – 0.5 V = 2.8 V when driving a
termination line terminated at each end. The input terminations are selectable thus saving
power for the unselected ports.
Output buffers
Each differential output of the STDVE003A drives external 50
Ω load (pull-up resistor) and
conforms to the TMDS voltage standard. The output drivers consist of 10 mA differential
current-steering devices.
The driver outputs are short-circuit current limited and are high-impedance to ground when
OE_N = H or the device is not powered. The current steering architecture requires a
resistive load to terminate the signal to complete the transmission loop from VCC to GND
through the termination resistor. Because the device switches the direction of the current
flow and not voltage levels, the output voltage swing is determined by VCC minus the voltage
drop across the termination resistor. The output current drivers are controlled by the OE_N
pin and are turned off when OE_N is a high. A stable 10 mA current is derived by accurate
internal current mirrors of a stable reference current which is generated by band-gap voltage


Similar Part No. - STDVE003A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
More results

Similar Description - STDVE003A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE103A STMICROELECTRONICS-STDVE103A Datasheet
685Kb / 43P
   Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
   Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
   3:1 TMDS / HDMI signal equalizer
logo
Texas Instruments
TMDS171 TI1-TMDS171 Datasheet
2Mb / 62P
[Old version datasheet]   3.4 Gbps TMDS RETIMER
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Texas Instruments
LMH0344 TI1-LMH0344_17 Datasheet
1Mb / 23P
[Old version datasheet]   3-Gbps HD - SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com