Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1G3234B Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST1G3234B
Description  1-bit dual supply bus buffer level translator with A-side series resistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3234B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST1G3234B Datasheet HTML 3Page - STMicroelectronics ST1G3234B Datasheet HTML 4Page - STMicroelectronics ST1G3234B Datasheet HTML 5Page - STMicroelectronics ST1G3234B Datasheet HTML 6Page - STMicroelectronics ST1G3234B Datasheet HTML 7Page - STMicroelectronics ST1G3234B Datasheet HTML 8Page - STMicroelectronics ST1G3234B Datasheet HTML 9Page - STMicroelectronics ST1G3234B Datasheet HTML 10Page - STMicroelectronics ST1G3234B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST1G3234B
Electrical characteristics
7/17
4
Electrical characteristics
Table 6.
DC specification
Symbol
Parameter
Test condition
Value
Unit
VCCB
(V)(1)
VCCA
(V)(1)
TA = 25 °C
-40 to 85 °C
Min
Max
Min
Max
VIHB
High level
input voltage
1.4
1.4 to
3.6
0.65 VCCB
0.65 VCCB
V
1.8
0.65 VCCB
0.65 VCCB
2.5
1.6
1.6
3.3
2.0
2.0
VILB
Low level input
voltage
1.4
1.4 to
3.6
0.35 VCCB
0.35 VCC
B
V
1.8
0.35 VCCB
0.35 VCC
B
2.5
0.7
0.7
3.3
0.8
0.8
VOHA
High level
output voltage
1.4 to
3.6
1.4
IO = -100 μA1.2
1.2
V
2.75
IO =-10 mA
2.2
2.2
2.3
IO =-6mA
1.8
1.8
1.65
IO =-2mA
1.4
1.4
1.4
IO =-1mA
1.1
1.1
VOLA
Low level
output voltage
1.4 to
3.6
1.4
IO = -100 μA0.20
0.20
V
2.75
IO = 1 mA
0.40
0.40
2.75
IO =10mA
0.55
0.55
2.3
IO = 6 mA
0.40
0.40
1.65
IO = 2 mA
0.25
0.25
1.4
IO = 1 mA
0.20
0.20
IIB
Input leakage
current
2.7
3.6
VIB =VCCB
or GND
± 0.5
± 5
μA
1.4
2.7
VIB =3.6 V
or GND
± 0.5
± 5
μA
IOFF
Power OFF
leakage
current
00
VIB = GND to
3.6 V
VOA = GND
to 3.6 V
± 1.0
± 10
μA


Similar Part No. - ST1G3234B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1G3234BJR STMICROELECTRONICS-ST1G3234BJR Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234BJR STMICROELECTRONICS-ST1G3234BJR Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
More results

Similar Description - ST1G3234B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST4G3235 STMICROELECTRONICS-ST4G3235 Datasheet
544Kb / 13P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com