Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUGY34M Datasheet(PDF) 5 Page - SunLED Corporation

Part # LUGY34M
Description  T-1(3mm) BI-COLOR INDICATOR LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUGY34M Datasheet(HTML) 5 Page - SunLED Corporation

  LUGY34M Datasheet HTML 1Page - SunLED Corporation LUGY34M Datasheet HTML 2Page - SunLED Corporation LUGY34M Datasheet HTML 3Page - SunLED Corporation LUGY34M Datasheet HTML 4Page - SunLED Corporation LUGY34M Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T-1(3mm) BI-COLOR INDICATOR LAMP
Part Number:
LUGY34M
Published Date : MAR 20, 2008
Drawing No : SDSA3145
V3
Checked : B.L.LIU
P.5/5
www.SunLED.com
PACKING & LABEL SPECIFICATIONS
LUGY34M
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無
>
日期︰2008.03.21
13:42:43 +08'00'


Similar Part No. - LUGY34M

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUGY37M SUNLED-LUGY37M Datasheet
207Kb / 5P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results

Similar Description - LUGY34M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP115WGYW KINGBRIGHT-WP115WGYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP3VEGW KINGBRIGHT-WP3VEGW Datasheet
463Kb / 7P
   T-1(3mm) BI-COLOR INDICATOR LAMP
W115VEGW KINGBRIGHT-W115VEGW Datasheet
177Kb / 3P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
SunLED Corporation
LUGR92M SUNLED-LUGR92M Datasheet
214Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
LMDKVG34M SUNLED-LMDKVG34M Datasheet
216Kb / 5P
   T-1(3mm) BI-COLOR INDICATOR LAMP
logo
Kingbright Corporation
WP115VEYW KINGBRIGHT-WP115VEYW_15 Datasheet
349Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
107Kb / 4P
   T-1(3mm) BI-COLOR INDICATOR LAMP
WP115VEGW KINGBRIGHT-WP115VEGW Datasheet
462Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VEYW KINGBRIGHT-WP115VEYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115VGYW KINGBRIGHT-WP115VGYW Datasheet
463Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
WP115WEYW KINGBRIGHT-WP115WEYW Datasheet
461Kb / 7P
   T-1 (3mm) BI-COLOR INDICATOR LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com